công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM49151TL/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM49151TL/NOPB
Giải thích chi tiết về linh kiện  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM49151TL/NOPB Datasheet HTML 1Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 2Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 3Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
Electrical Characteristics 3.3V
(1)(2) (continued)
The following specifications apply for LS and HP VOLUMEGAIN = 0dB, LSGAIN =12dB, HPGAIN = 0dB RL = 8Ω+30µH
(Loudspeaker), RL = 32Ω (Headphone), RL = 8Ω (Earpiece), CSET = 0.1µF, ALC disabled, f = 1kHz, unless otherwise
specified. Limits apply for TA = 25°C. (Note 7).
LM49151
Units
Symbol
Parameter
Conditions
Typical
Limits
(Limits)
(3)
(4)
ISD
Shutdown Current
0.04
1
µA (max)
VIN = 0
LS Mode 5, mono input
10
mV
HP Mode 5, mono input
2
6
mV (max)
EP Bypass Mode, 1mono input
0.8
5
mV (max)
VOS
Output Offset Voltage
LS Mode 10, stereo input
10
mV
HP Mode 10, stereo input
2
6
mV (max)
LS Mode 15, stereo + mono input
10
mV
HP Mode 15, stereo + mono input
2
6
mV (max)
HP Mode, CBYPASS = 2.2μF
tWU
Wake Up Time
Normal, TURN_ON_TIME = 0
27
ms
Fast, TURN_ON_TIME = 1
15
ms
dB (min)
Minimum Gain Setting
–80
dB (max)
AVOL
Volume Control
Maximum Gain Setting
18
dB
Volume Control Step Error
±0.2
dB
LS Mode
Gain 0
12
dB
Gain 1
18
dB
HP Mode
Gain 0
0
dB
Gain 1
–1.5
dB
AV
Gain
Gain 2
–3
dB
Gain 3
–6
dB
Gain 4
–9
dB
Gain 5
–12
dB
Gain 6
–15
dB
Gain 7
–18
dB
LS Output, HP Mode
–96
dB
POUT = 20mW
AVMUTE
Mute Attention
HP Output, LS Mode
–96
dB
POUT = 250mW
MONO, RIN, LIN, Inputs
11
k
Ω (min)
Maximum Gain Setting
13
15.5
k
Ω (max)
RIN
Input Resistance
90
k
Ω (min)
Minimum Gain Setting
110
130
k
Ω (max)
50
k
Ω (min)
EP Bypass Mode
62
80
k
Ω (max)
f = 1kHz, THD+N = 1%
Two channels in phase
LS Mode 1
520
450
mW (min)
PO
Output Power
HP Mode 8, RL = 16Ω
40
mW
HP Mode 8, RL = 32Ω
40
30
mW (min)
EP Bypass Mode, RL = 8Ω
35
26
mW (min)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com