| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3535 bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3535 bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 36 page ![]() 29 LM3535 www.ti.com SNVS598B – AUGUST 2010 – REVISED MARCH 2018 Product Folder Links: LM3535 Submit Documentation Feedback Copyright © 2010–2018, Texas Instruments Incorporated 10 Layout 10.1 Layout Guidelines Proper board layout helps to ensure optimal performance of the LM3535 circuit. The following guidelines are recommended: • Place capacitors as close as possible to the LM3535, preferably on the same side of the board as the device. • Use short, wide traces to connect the external capacitors to the LM3535 to minimize trace resistance and inductance. • Use a low resistance connection between ground and the GND pins of the LM3535. Using wide traces and/or multiple vias to connect GND to a ground plane on the board is most advantageous. 10.2 Layout Example Figure 45. Minimum Layout |