| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8563 bảng dữ liệu(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563 bảng dữ liệu(HTML) 44 Page - NXP Semiconductors |
|
44 / 45 page ![]() PCF8563 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 11 — 26 October 2015 44 of 45 NXP Semiconductors PCF8563 Real-time clock/calendar 24. Figures Fig 1. Block diagram of PCF8563 . . . . . . . . . . . . . . . . . .3 Fig 2. Pin configuration for HVSON10 (PCF8563BS) . . .4 Fig 3. Pin configuration for SO8 (PCF8563T) . . . . . . . . .4 Fig 4. Pin configuration for TSSOP8 (PCF8563TS). . . . .4 Fig 5. Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . . .8 Fig 6. Voltage-low detection. . . . . . . . . . . . . . . . . . . . . .10 Fig 7. Data flow for the time function . . . . . . . . . . . . . . .12 Fig 8. Access time for read/write operations . . . . . . . . .13 Fig 9. Alarm function block diagram. . . . . . . . . . . . . . . .15 Fig 10. STOP bit functional diagram . . . . . . . . . . . . . . . .18 Fig 11. STOP bit release timing . . . . . . . . . . . . . . . . . . . .18 Fig 12. POR override sequence . . . . . . . . . . . . . . . . . . .20 Fig 13. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 Fig 14. Definition of START and STOP conditions. . . . . .21 Fig 15. System configuration . . . . . . . . . . . . . . . . . . . . . .22 Fig 16. Acknowledgement on the I2C-bus . . . . . . . . . . . .22 Fig 17. Slave address . . . . . . . . . . . . . . . . . . . . . . . . . . .23 Fig 18. Master transmits to slave receiver (WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .23 Fig 19. Master reads after setting register address (write register address; READ data) . . . . . . . . . . . . . . .24 Fig 20. Master reads slave immediately after first byte (READ mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .24 Fig 21. Interface watchdog timer . . . . . . . . . . . . . . . . . . .25 Fig 22. Device diode protection diagram . . . . . . . . . . . . .26 Fig 23. Supply current IDD as a function of supply voltage VDD; CLKOUT disabled . . . . . . . . . . . . . . . . . . . .29 Fig 24. Supply current IDD as a function of supply voltage VDD; CLKOUT = 32 kHz. . . . . . . . . . . . . . . . . . . .29 Fig 25. Supply current IDD as a function of temperature T; CLKOUT = 32 kHz . . . . . . . . . . . . . . . . . . . . . .30 Fig 26. Frequency deviation as a function of supply voltage VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30 Fig 27. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .31 Fig 28. Application diagram . . . . . . . . . . . . . . . . . . . . . . .32 Fig 29. Package outline SOT650-1 (HVSON10) of PCF8563BS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33 Fig 30. Package outline SOT96-1 (SO8) of PCF8563T. .34 Fig 31. Package outline SOT505-1 (TSSOP8) of PCF8563TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35 Fig 32. Temperature profiles for large and small components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38 |