công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTE-AF-FF bảng dữ liệu(PDF) 21 Page - Autonics Corporation

tên linh kiện PTE-AF-FF
Giải thích chi tiết về linh kiện  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AUTONICS [Autonics Corporation]
Trang chủ  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE-AF-FF bảng dữ liệu(HTML) 21 Page - Autonics Corporation

Back Button PTE-AF-FF Datasheet HTML 16Page - Autonics Corporation PTE-AF-FF Datasheet HTML 17Page - Autonics Corporation PTE-AF-FF Datasheet HTML 18Page - Autonics Corporation PTE-AF-FF Datasheet HTML 19Page - Autonics Corporation PTE-AF-FF Datasheet HTML 20Page - Autonics Corporation PTE-AF-FF Datasheet HTML 21Page - Autonics Corporation PTE-AF-FF Datasheet HTML 22Page - Autonics Corporation PTE-AF-FF Datasheet HTML 23Page - Autonics Corporation PTE-AF-FF Datasheet HTML 24Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60
1
MC2 – E S R – B D
LED
Non-Illumination
D
1~0V DC/AC LED
L
110~0V AC LED
CONTACT BLOCK
B
NC Contact
COLOR
R
RED
HEAD
S
Small Head (Ø40mm)
L
Large Head (Ø60mm)
STYLE
E
Emergency Stop
LE
Illuminated Emergency Stop
Emergency Stops
MC2 – S S W2 S – A
CONTACT BLOCK
A
 Positions
Single NO contact
AA
 Positions
Double NO contacts
Function
S
Fixed Position
M
Auto Spring Return
Number of Positions
W2
2 Positions 90˚
W3
3 Positions 45˚
Selector Head
S
Knob
L
Lever
STYLE
S
Selector Switch
Selector Switches
 positions
 positions
Available in 2 or 3 position selection
Fixed Position or Auto Spring Return Styles
•
•
Ø40 or Ø60mm Mushroom heads
Push Lock & Twist-to-release
Illuminated or non-illuminated styles
UL, cUL, CE approved contact blocks
•
•
•
•
MC2 – 2P
RG – AB D
LED
D
1~0V DC/AC LED
L
110~0V AC LED
CONTACT BLOCKS
AB
1 NO Contact
1 NC Contact
COLOR
RG
Red & Green
STYLE
2P
Double Push Button
Double Push Buttons
Momentary Push
Normally Open and Normally Closed contact blocks
LED illumination
•
•
•
unit: mm
unit: mm
unit: mm
Small Head
Large Head



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com