| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P9511RQGJ bảng dữ liệu(PDF) 7 Page - uPI Group Inc. |
|
|
|||||||||||||||||||||||||||||
P9511RQGJ bảng dữ liệu(HTML) 7 Page - uPI Group Inc. |
|
7 / 19 page ![]() uP9511R 7 uP9511R-DS-F0000, Oct. 2017 www.upi-semi.com () IMON SUM DC Hys OUT BOT TOP Hys PROGx R R N R I R R uA V × ⎟⎟ ⎟ ⎟ ⎠ ⎞ ⎜⎜ ⎜ ⎜ ⎝ ⎛ × = × = _ _ || 10 Where R TOP is the resistor connects from 5VCC to PROGX pin, and R BOT is the resistor connects from PROGX pin to GND. If V IMON < VPROG1, uP9511R operates in single phase; if VPROG1 < V IMON < VPROG2, uP9511R operates in dual phase; if VPROG2 < V IMON < VPROG3, uP9511R operates in four phase; if VPROG3 < V IMON < VPROG4, uP9511R operates in six phase; if VIMON > V PROG4, uP9511R operates in 8 phase. The uP9511R always keeps all-of-phase interleaved operation. When setting PROG1, PROG2, PROG3 and PROG4, always keep V PROG1 <VPROG2<VPROG3<VPROG4. Violating this rule may lead to unknown status and should be avoided. Short the PROG1, PROG2, PROG3 and PROG4 to GND to disable the auto-phase mode. Cold Boot and Warm Boot The uP9511R features programmable operation phase number of Cold Boot Mode and Warm Boot Mode. When PSI=Low and uP9511R first boots up (first time of 5VCC and EN goes high), controller will enter to Cold Boot Mode. Except the first boot up, when PSI=Low state and controller power up by EN control, then uP9511R will enter to Warm Boot Mode. Connect LPC pin to 5VCC with a voltage divider (Figure 3) to set the operation phase number of Cold Boot Mode and Warm Boot Mode. Figure 4 shows all the power states of uP9511R under each combination of 5VCC/EN/ PSI/VID signal. Table 3 shows the recommended resistance of the voltage divider. LPC Low Phase Mode 5VCC R1 R2 Figure 3. Circuit of LPC Setting Functional Description Table 3. Recommended resistance of Cold Boot mode and Warm Boot mode V C P L f o % = C C V 5 e s a h P t o o B d l o C t n u o C k ( t n u o C e s a h P t o o B m r a W Ω) e s a h p - 1e s a h p - 2e s a h p - 3e s a h p - 4e s a h p - 5 1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R % 3 6 . 0 4e s a h p - 12 9 . 47 3 . 31 6 . 4 24 8 . 6 13 . 4 42 3 . 0 34 8 . 3 73 5 . 0 57 6 . 7 4 16 0 . 1 0 1 % 8 8 . 6 4e s a h p - 27 2 . 47 7 . 33 3 . 1 23 8 . 8 14 . 8 39 8 . 3 39 9 . 3 68 4 . 6 59 9 . 7 2 15 9 . 2 1 1 % 3 1 . 3 5e s a h p - 36 7 . 37 2 . 42 8 . 8 14 3 . 1 28 8 . 3 34 . 8 37 4 . 6 51 0 . 4 63 9 . 2 1 1 1 0 . 8 2 1 % 8 3 . 9 5e s a h p - 47 3 . 32 9 . 44 8 . 6 12 6 . 4 21 3 . 0 31 3 . 4 42 5 . 0 56 8 . 3 74 0 . 1 0 1 1 7 . 7 4 1 % 3 6 . 5 6e s a h p - 55 0 . 32 8 . 54 2 . 5 11 . 9 23 4 . 7 27 3 . 2 51 7 . 5 49 2 . 7 82 4 . 1 97 5 . 4 7 1 % 8 8 . 1 7e s a h p - 68 7 . 21 1 . 71 9 . 3 16 5 . 5 34 0 . 5 21 0 . 4 64 7 . 1 49 6 . 6 0 17 4 . 3 87 3 . 3 1 2 % 3 1 . 8 7e s a h p - 76 5 . 24 1 . 98 . 2 12 7 . 5 44 0 . 3 23 . 2 84 . 8 37 1 . 7 3 18 . 6 75 3 . 4 7 2 % 8 3 . 4 8e s a h p - 87 3 . 28 . 2 15 8 . 1 12 0 . 4 63 3 . 1 24 2 . 5 1 15 5 . 5 36 0 . 2 9 11 1 . 1 72 1 . 4 8 3 Figure 4. Power States of uP9511R OFF Full-Phase Cold-Boot OFF Warm-Boot Full-Phase Warm-Boot OFF Cold-Boot Full-Phase Auto-Phase 5VCC EN PSI VID High Tri-state Low |