công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG51002 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện SLG51002
Giải thích chi tiết về linh kiện  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button SLG51002 Datasheet HTML 5Page - Renesas Technology Corp SLG51002 Datasheet HTML 6Page - Renesas Technology Corp SLG51002 Datasheet HTML 7Page - Renesas Technology Corp SLG51002 Datasheet HTML 8Page - Renesas Technology Corp SLG51002 Datasheet HTML 9Page - Renesas Technology Corp SLG51002 Datasheet HTML 10Page - Renesas Technology Corp SLG51002 Datasheet HTML 11Page - Renesas Technology Corp SLG51002 Datasheet HTML 12Page - Renesas Technology Corp SLG51002 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
9 of 36
© 2023 Renesas Electronics Corporation
3
Characteristics
3.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
Non operational
-40
+150
°C
TJ
Junction temperature
-25
+125
°C
TA
Ambient temperature
-40
+85
°C
VDD
Power supply voltage on VDD pin
-0.3
+6.0
V
VDDIO
Power supply voltage on VDDIO pin
-0.3
VDD
V
Power supply voltage on VIN1_2,
VIN3, VIN4, VIN5, VOUT1, VOUT2,
VOUT3, VOUT4, VOUT5 pins
-0.3
+6.0
V
Power supply voltage on VIN6, VIN7,
VIN8 pin
-0.3
+1.8
V
Voltage on VOUT6, VOUT7, VOUT8
pin
-0.3
+1.65
V
VPIN
Voltage on low voltage pins
GPIO5 and GPI6
-0.3
+1.98
V
Voltage on high voltage pins
GPIO1 to GPIO4
-0.3
VDDIO + 0.3
CS
-0.3
VDD + 0.3
Voltage on LDO output pins
-0.3
VIN + 0.3
ESD
ESD Protection (Human Body Model)
2000
V
ESD Protection (Charged Device
Model)
500
V
IMAX_LDO_LV
Maximum Average or DC Current
through VIN6, VIN7, VIN8 or VOUT6,
VOUT7, VOUT8 Pins
TJ = 100 °C
1.3
A
TJ = 110 °C
0.938
3.1.1
Guidelines for Reliable Operation
● Low Voltage Pins (GPIO5 and GPI6): take care that the low voltage pins do not exceed their Abs.
Max. ratings, even briefly. Transients both positive (above max) and negative (below min) can cause
EOS (Electrical Overstress) damage.
● Power sequencing: CS should be held low before VDD is powered up. CS pin should also be pulled
low before VDD falls out of operating range. VIN supplies for LDO_HV, LDO_HC and LDO_LV
channels can be safely biased even if VDD is not present. VIN supplies should be powered up before
enabling their respective LDO channels. Low voltage pins (GPIO5 and GPI6) configured as inputs are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com