công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC250 bảng dữ liệu(PDF) 5 Page - TT Electronics.

tên linh kiện SC250
Giải thích chi tiết về linh kiện  Metal Tube Flowmeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC250 bảng dữ liệu(HTML) 5 Page - TT Electronics.

  SC250 Datasheet HTML 1Page - TT Electronics. SC250 Datasheet HTML 2Page - TT Electronics. SC250 Datasheet HTML 3Page - TT Electronics. SC250 Datasheet HTML 4Page - TT Electronics. SC250 Datasheet HTML 5Page - TT Electronics. SC250 Datasheet HTML 6Page - TT Electronics. SC250 Datasheet HTML 7Page - TT Electronics. SC250 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Metal Tube Flowmeters
SC250
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue C
02/2023 Page 5
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | sheffield.admin@ttelectronics.com
Dimensions
EN1092-1 flanges (dimensions in mm)
A
C max
DN
PN
Ø D
Ø k
Ø g
Ø l x n
B
SC250
SC250
L
Weight kg
15
40
95
65
49
14 x 4
16
133
38
250
3.5
25
40
115
85
68
14 x 4
18
146
38
250
4.5
40
40
150
110
88
18 x 4
18
154
40
250
7.3
50
40
165
125
102
18 x 4
20
167
40
250
8.3
80
16
200
160
138
18 x 8
20
148
40
250
12



Html Pages

1 2 3 4 5 6 7 8