công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PW-2 bảng dữ liệu(PDF) 2 Page - TT Electronics.

tên linh kiện PW-2
Giải thích chi tiết về linh kiện  General Purpose Axial Leaded Power Wirewound Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PW-2 bảng dữ liệu(HTML) 2 Page - TT Electronics.

  PW-2 Datasheet HTML 1Page - TT Electronics. PW-2 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
General Purpose Axial Leaded
Power Wirewound Resistor
Power Derating Curve
100
80
60
40
0
50
100
150
200
250
Ambient Temperature
20
0
85
PW - 3, 5, 7, 10
25 40
PW - 2
PW - 15, 18, 22, 25
Temperature Rise Chart
300
250
200
0
0
20
40
60
80
100
120
150
100
50
PW - 15, 18
PW - 10
PW - 7
PW - 5
PW - 3
Percent of Rated Load
PW - 22, 25
Sample Part No.
IRC Type
Resistance Value
(standard EIA values)
Tolerance
J = 5%, K = 10%
RoHS Indicator
LF indicated RoHS compliance
Ordering Data
PW15
1202
K
LF
PW Series Issue December 2008 Sheet 3 of 3
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PW15-12KKI (PW15, 12 kilohms ±10%, Pb-free)
P W 1
5
-
1
2
K K
I
1
2
3
4
5
USA (IRC) Part Number: PW151202KLF (PW15, 12 kilohms ±10%, Pb-free)
P W 1
5
1
2
0
2
K L F
1
2
3
4
5
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PW2, PW3,
PW5, PW7,
PW10, PW15,
PW18, PW22,
PW25
Omit for Standard R = ohms
K = kilohms
J = ±5%
I = Standard packing & Pb-free
A = Alternate
K = ±10%
Bulk pack
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PW2, PW3,
PW5, PW7,
PW10, PW15,
PW18, PW22,
PW25
Omit for Standard 3 digits + multiplier
J = ±5%
Omit for SnPb
A = Alternate
R = ohms for values
<100 ohms
K = ±10%
LF = Pb-free
Bulk pack
PW3
PW3
OBSOLETE



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com