| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM99CIMMX/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM99CIMMX/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 30 page ![]() Control Logic One Shot Register Remote Offset Registers Local/Remote Temperature Registers HIGH Limit Registers LOW Limit Registers T_CRIT Limit & Hysteresis Registers Configuration and Status Registers Conversion Rate Registers Two-Wire Serial Interface Local/Remote Diode Selector Temperature Sensor Circuitry 10-Bit Plus Sign '-6 Converter Programable Level Filter Fault Queue Fault Queue Fault Queue S R 3.0V-3.6V D+ D- T_Crit_A ALERT SMBData SMBClock Q LM99 SNIS129D – JANUARY 2003 – REVISED MARCH 2013 www.ti.com Simplified Block Diagram Connection Diagram Figure 1. VSSOP-8 TOP VIEW PIN DESCRIPTIONS Label Pin # Function Typical Connection DC Voltage from 3.0 V to 3.6 V. VDD should be bypassed with a 0.1 µF capacitor in parallel with 100 pF to ground. The 100 VDD 1 Positive Supply Voltage Input pF capacitor should be placed as close as possible to the power supply pin. A bulk capacitance of approximately 10 µF needs to be in the vicinity of the LM99 VDD. To Diode Anode. Connected to the collector and base of the D+ 2 Diode Current Source remote discrete diode-connected transistor. Connect a 2.2 nF capacitor between pins 2 and 3. To Diode Cathode. Connects to the emitter of the remote D − 3 Diode Return Current Sink diode-connected transistor. Connect a 2.2 nF capacitor between pins 2 and 3. T_CRIT Alarm Output, Open- Pull-Up Resistor, Controller Interrupt or Power Supply T_CRIT_A 4 Drain, Active-Low Shutdown Control GND 5 Power Supply Ground Ground Interrupt Output, Open-Drain, ALERT 6 Pull-Up Resistor, Controller Interrupt or Alert Line Active-Low SMBus Bi-Directional Data Line, SMBData 7 From and to Controller, Pull-Up Resistor Open-Drain Output SMBCLK 8 SMBus Input From Controller, Pull-Up Resistor 2 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: LM99 |