công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3151 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện LM3151
Giải thích chi tiết về linh kiện  LM3151/LM3152/LM3153 SIMPLE SWITCHER® CONTROLLER, High Input Voltage Synchronous Step-Down
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3151 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM3151 Datasheet HTML 9Page - Texas Instruments LM3151 Datasheet HTML 10Page - Texas Instruments LM3151 Datasheet HTML 11Page - Texas Instruments LM3151 Datasheet HTML 12Page - Texas Instruments LM3151 Datasheet HTML 13Page - Texas Instruments LM3151 Datasheet HTML 14Page - Texas Instruments LM3151 Datasheet HTML 15Page - Texas Instruments LM3151 Datasheet HTML 16Page - Texas Instruments LM3151 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
Table 1. Inductor Selection Table
Inductor Designator
Inductance (µH)
Current (A)
Part Name
Vendor
L01
47
7-9
L02
33
7-9
SER2817H-333KL
COILCRAFT
L03
22
7-9
SER2814H-223KL
COILCRAFT
L04
15
7-9
7447709150
WURTH
L05
10
7-9
RLF12560T-100M7R5
TDK
L06
6.8
7-9
B82477-G4682-M
EPCOS
L07
4.7
7-9
B82477-G4472-M
EPCOS
L08
3.3
7-9
DR1050-3R3-R
COOPER
L09
2.2
7-9
MSS1048-222
COILCRAFT
L10
1.5
7-9
SRU1048-1R5Y
BOURNS
L11
1
7-9
DO3316P-102
COILCRAFT
L12
0.68
7-9
DO3316H-681
COILCRAFT
L13
33
9-12
L14
22
9-12
SER2918H-223
COILCRAFT
L15
15
9-12
SER2814H-153KL
COILCRAFT
L16
10
9-12
7447709100
WURTH
L17
6.8
9-12
SPT50H-652
COILCRAFT
L18
4.7
9-12
SER1360-472
COILCRAFT
L19
3.3
9-12
MSS1260-332
COILCRAFT
L20
2.2
9-12
DR1050-2R2-R
COOPER
L21
1.5
9-12
DR1050-1R5-R
COOPER
L22
1
9-12
DO3316H-102
COILCRAFT
L23
0.68
9-12
L24
0.47
9-12
L25
22
12-15
SER2817H-223KL
COILCRAFT
L26
15
12-15
L27
10
12-15
SER2814L-103KL
COILCRAFT
L28
6.8
12-15
7447709006
WURTH
L29
4.7
12-15
7447709004
WURTH
L30
3.3
12-15
L31
2.2
12-15
L32
1.5
12-15
MLC1245-152
COILCRAFT
L33
1
12-15
L34
0.68
12-15
DO3316H-681
COILCRAFT
L35
0.47
12-15
L36
0.33
12-15
DR73-R33-R
COOPER
L37
22
15-
L38
15
15-
SER2817H-153KL
COILCRAFT
L39
10
15-
SER2814H-103KL
COILCRAFT
L40
6.8
15-
L41
4.7
15-
SER2013-472ML
COILCRAFT
L42
3.3
15-
SER2013-362L
COILCRAFT
L43
2.2
15-
L44
1.5
15-
HA3778-AL
COILCRAFT
L45
1
15-
B82477-G4102-M
EPCOS
L46
0.68
15-
L47
0.47
15-
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3151 LM3152 LM3153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29