công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7FA8D1AXECFC bảng dữ liệu(PDF) 44 Page - Renesas Technology Corp

tên linh kiện R7FA8D1AXECFC
Giải thích chi tiết về linh kiện  High-performance 480 MHz Arm® Cortex®-M85 core with HeliumTM, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 12 KB Data flash memory, and 1 MB SRAM with Parity/ECC.
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA8D1AXECFC bảng dữ liệu(HTML) 44 Page - Renesas Technology Corp

Back Button R7FA8D1AXECFC Datasheet HTML 40Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 41Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 42Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 43Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 44Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 45Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 46Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 47Page - Renesas Technology Corp R7FA8D1AXECFC Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
Table 2.18
Standby current (DCDC mode)
Parameter
Symbol
Typ
Max
125 °C Unit Test conditions
Supply
current*1
Software Standby mode*2
ICC
0.02
0.94
mA
—
Data of SRAM and TCM is retained
ICC_DCDC
0.88
28.29
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 1
(n = 0 to 6)
PDRAMSCR1.RKEEP0 = 1
Data of SRAM and TCM is not retained
ICC_DCDC
0.83
26.64
VCC_DCDC = 3.3 V
PDRAMSCR0.RKEEPn = 0
(n = 0 to 6)
PDRAMSCR1.RKEEP0 = 0
Deep Software Standby mode 1
ICC
5.21
148
μA
—
ICC_DCDC
0.57
5.50
—
Increase when
the function is
activated
Data of Standby SRAM is
retained
ICC
0.12
2.60
—
PVD0, PVD1,PVD2 or Battery
power supply switch
See Table 2.20
—
When the LOCO is in use
3.10
—
—
Crystal oscillator and RTC
See Table 2.21
—
IWDT and ULPT(all units) are
operating
0.07
—
—
Deep Software Standby mode 2
ICC
1.68
43.99
—
ICC_DCDC
0.57
5.50
—
Increase when
the function is
activated
PVD0, PVD1,PVD2 or Battery
power supply switch
ICC
See Table 2.20
—
Crystal oscillator and RTC
See Table 2.21
—
Deep Software Standby mode 3
ICC
0.99
42.90
—
ICC_DCDC
0.57
5.50
—
Increase when
the function is
activated
Crystal oscillator and RTC
See Table 2.21
—
RTC
operatin
g while
VCC is
off (with
the
battery
backup
function,
only the
RTC
operate)
When a crystal oscillator with low power mode 3
is in use
IVBAT
0.52
—
VBATT = 1.8 V, VCC = 0 V
1.05
—
VBATT = 3.3 V, VCC = 0 V
When a crystal oscillator with low power mode 2
is in use
0.56
—
VBATT = 1.8 V, VCC = 0 V
1.10
—
VBATT = 3.3 V, VCC = 0 V
When a crystal oscillator with low power mode 1
is in use
0.62
—
VBATT = 1.8 V, VCC = 0V
1.17
—
VBATT = 3.3 V, VCC = 0 V
When a crystal oscillator with standard mode is
in use
0.93
—
VBATT = 1.8 V, VCC = 0 V
1.50
—
VBATT = 3.3 V, VCC = 0 V
When EXCIN is in use
0.37
—
VBATT = 1.8 V, VCC = 0 V
0.86
—
VBATT = 3.3 V, VCC = 0 V
Increase when
the function is
activated
Common circuit when using
RTCICn (n = 0 to 2) input or
EXCIN
0.04
—
VBATT = 1.8 V, VCC = 0 V
0.04
—
VBATT = 3.3 V, VCC = 0 V
RTCICn (n = 0 to 2) input is in
use per channel
0.02
—
VBATT = 1.8 V, VCC = 0 V
0.02
—
VBATT = 3.3 V, VCC = 0 V
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. When an external clock is used, EXTAL pin is pull-up or pull-down. In case clock is toggled, software standby mode current
consumption is increased by 130µA at 48MHz under typical conditions.
RA8D1 Datasheet
2. Electrical Characteristics
R01DS0416EJ0120 Rev.1.20
Nov 22, 2024
Page 44 of 192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com