công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7FA8D1AFECFC bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện R7FA8D1AFECFC
Giải thích chi tiết về linh kiện  High-performance 480 MHz Arm® Cortex®-M85 core with HeliumTM, up to 2 MB code flash memory with Dual-bank, background and SWAP operation, 12 KB Data flash memory, and 1 MB SRAM with Parity/ECC.
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA8D1AFECFC bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button R7FA8D1AFECFC Datasheet HTML 29Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 30Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 31Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 32Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 33Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 34Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 35Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 36Page - Renesas Technology Corp R7FA8D1AFECFC Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 192 page
background image
Note 1. SPI0_A, SPI0_B, SPI0_C and SPI1_B
Note 2. SPI1_A
Note 3. SD_A ch0, SD_B ch1 and SD_B ch1
Note 4. SD_A ch1
Note 5. MMC_A ch0, MMC_A ch1 and MMC_B ch1
Note 6. MMC_A ch1 (Up to 4-bit bus width)
Note 7. RES and peripheral function pins associated with P205, P206, P402 to P404, P406 to P415, P511, P512, P709 to P715, PB01 (total
26 pins).
Note 8. All input pins except for the peripheral function pins already described in the table. There is an item for each power supply voltage
for each port. Refer to the IO chapter for the power supply of the port.
Note 9. P205, P206, P402 to P404, P406 to P415, P511, P512, P709 to P715, PB01 (total 25 pins).
Note 10. All input pins except for the ports already described in the table. There is an item for each power supply voltage for each port. Refer
to the IO chapter for the power supply of the port.
Note 11. When VCC is less than 1.68 V, the input voltage of 5 V-tolerant ports should be less than 3.6 V, otherwise breakdown may occur
because 5 V-tolerant ports are electrically controlled so as not to violate the break down voltage.
Table 2.5
I/O VIH, VIL of Schmitt trigger input pins
Parameter
VCC/VCC2/
AVCC0
Symbol
Min
Typ
Max
Unit
Peripheral function
pins
IIC (except for
SMBus)
1.68 V or
above
VIH
VCC × 0.7
—
VCC + 3.6 (max 5.8)
V
VIL
—
—
VCC × 0.3
ΔVT
VCC × 0.05
—
—
I3C
1.68 V or
above
VIH
VCC × 0.7
—
VCC + 0.3
VIL
—
—
VCC × 0.3
ΔVT
VCC × 0.1
—
—
5 V-tolerant
ports*7*11
1.68 V or
above
VIH
VCC × 0.8
—
VCC + 3.6 (max 5.8)
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.05
—
—
Other VCC
input pins*8
1.68 V or
above
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.05
—
—
Other VCC2
input pins*8
1.65 V or
above
VIH
VCC2 × 0.8
—
—
VIL
—
—
VCC2 × 0.2
ΔVT
VCC2 × 0.05
—
—
Other AVCC0
input pins*8
1.65 V or
above
VIH
AVCC0 × 0.8
—
—
VIL
—
—
AVCC0 × 0.2
ΔVT
AVCC0 × 0.05
—
—
Ports
5 V-tolerant
port*9*11
1.68 V or
above
VIH
VCC × 0.8
—
VCC + 3.6 (max 5.8)
V
VIL
—
—
VCC × 0.2
Other VCC
input pins*10
1.68 V or
above
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
Other VCC2
input pins*10
1.65 V or
above
VIH
VCC2 × 0.8
—
—
VIL
—
—
VCC2 × 0.2
Other AVCC0
input pins*10
1.65 V or
above
VIH
AVCC0 × 0.8
—
—
VIL
—
—
AVCC0 × 0.2
Note 1. SPI0_A, SPI0_B, SPI0_C and SPI1_B
Note 2. SPI1_A
Note 3. SD_A ch0, SD_B ch1 and SD_B ch1
Note 4. SD_A ch1
Note 5. MMC_A ch0, MMC_A ch1 and MMC_B ch1
Note 6. MMC_A ch1 (Up to 4-bit bus width)
RA8D1 Datasheet
2. Electrical Characteristics
R01DS0416EJ0120 Rev.1.20
Nov 22, 2024
Page 33 of 192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com