| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF1210 bảng dữ liệu(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
PCF1210 bảng dữ liệu(HTML) 3 Page - TT Electronics. |
|
3 / 6 page ![]() Precision Thin Film Nichrome Chip Resistors PCF Series Construction A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor. The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each resistor is measured immediately before packing into tape. Terminations The chips are supplied with 100% Sn matte plated wrap-around terminations suitable for soldering. * Standard values E24 or E96. Other values may be available by request. Precision Surface Mount Resistors W 0.3 ± 0.05 0.5 ± 0.05 0.8 ± 0.2 1.25 ± 0.2 1.6 ± 0.2 2.6 ± 0.2 2.4 ± 0.2 3.1 ± 0.2 L 0.6 ± 0.05 1.0 ± 0.05 1.6 ± 0.2 2.0 ± 0.2 3.2 ± 0.2 3.2 ± 0.2 4.9 ± 0.2 6.3 ± 0.2 Tmax 0.26 0.40 0.55 0.65 0.65 0.50 0.65 0.65 A 0.12 ± 0.05 0.2 ± 0.1 0.3 ± 0.2 0.4 ± 0.2 0.5 ± 0.2 0.45 ± 0.2 0.5 ± 0.2 0.5 ± 0.2 C 0.12 ± 0.05 0.2 ± 0.1 0.3 ± 0.2 0.4 ± 0.2 0.5 ± 0.2 0.5 ± 0.2 0.6 ± 0.2 0.6 ± 0.2 T W A A L Wrap-around terminations (3 faces) C 0201 0402 0603 0805 1206 1210 2010 2512 Dimensions (mm) & Weight (mg) Wt 1 3 6 9 20 25 36 55 PCF Series Physical Data Electrical Data - High Power Range Electrical Data - Passivated Range Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603H 50 0.1 75 4R7-332K 24R9-100K 25 15 10 5 24R9-15K PCF0805H 50 0.125 150 4R7-1M 4R7-511K 24R9-200K 25 15 10 4R7-511K 5 24R9-30K PCF1206H 50 0.25 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF1210H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% 0.05% 0.01% PCF0402P 50 0.063 25 25R-25K 25 15 49R9-12K PCF0603P 50 0.063 50 25R-332K 25 15 25R-100K PCF0805P 50 0.1 100 10R-800K 25 15 25R-200K PCF1206P 50 0.125 150 10R-1M 25 15 25R-500K PCF2010P 50 0.25 150 10R-1M 25 15 25R-500K PCF2512P 50 0.5 150 10R-1M 25 15 25R-500K Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603H 50 0.1 75 4R7-1M 4R7-332K 24R9-100K 25 15 4R7-332K 10 5 24R9-15K PCF0805H 50 0.125 150 1R-1M 4R7–1M 4R7-511K 24R9-200K 25 15 4R7-1M 10 4R7-511K 5 24R9-30K PCF1206H 50 0.25 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF1210H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF2010H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF2512H 50 0.75 200 1R-2K 4R7-2K 24R9-2K 25 15 10 Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% PCF0402P 50 0.063 25 25R-25K 25 15 49R9-12K PCF0603P 50 0.063 50 25R-332K 25 15 PCF0805P 50 0.1 100 10R - 1M 25 15 PCF1206P 50 0.125 150 10R-1M 25 15 PCF2010P 50 0.25 150 10R - 1M5 25 15 25R - 1M PCF2512P 50 0.5 150 10R - 1M5 25 15 25R - 1M Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603X 50 0.166 100 10R-332K 25 PCF0805X 50 0.25 150 10R-500K 25 PCF1206X 50 0.333 200 10R-1M 25 PCF2512X 50 1 200 1R-100R 4R7-100R 25 * Standard values E24 or E96. Other values may be available by request. Electrical Data - High Power Range Electrical Data - Extended High Power Range Electrical Data - Passivated Range * Standard values E24 or E96. Other values may be available by request. Construction A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor. The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each resistor is measured immediately before packing into tape. Terminations The chips are supplied with 100% Sn matte plated wrap-around terminations suitable for soldering. * Standard values E24 or E96. Other values may be available by request. Precision Surface Mount Resistors W 0.3 ± 0.05 0.5 ± 0.05 0.8 ± 0.2 1.25 ± 0.2 1.6 ± 0.2 2.6 ± 0.2 2.4 ± 0.2 3.1 ± 0.2 L 0.6 ± 0.05 1.0 ± 0.05 1.6 ± 0.2 2.0 ± 0.2 3.2 ± 0.2 3.2 ± 0.2 4.9 ± 0.2 6.3 ± 0.2 Tmax 0.26 0.40 0.55 0.65 0.65 0.50 0.65 0.65 A 0.12 ± 0.05 0.2 ± 0.1 0.3 ± 0.2 0.4 ± 0.2 0.5 ± 0.2 0.45 ± 0.2 0.5 ± 0.2 0.5 ± 0.2 C 0.12 ± 0.05 0.2 ± 0.1 0.3 ± 0.2 0.4 ± 0.2 0.5 ± 0.2 0.5 ± 0.2 0.6 ± 0.2 0.6 ± 0.2 T W A A L Wrap-around terminations (3 faces) C 0201 0402 0603 0805 1206 1210 2010 2512 Dimensions (mm) & Weight (mg) Wt 1 3 6 9 20 25 36 55 PCF Series Physical Data Electrical Data - High Power Range Electrical Data - Passivated Range Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603H 50 0.1 75 4R7-332K 24R9-100K 25 15 10 5 24R9-15K PCF0805H 50 0.125 150 4R7-1M 4R7-511K 24R9-200K 25 15 10 4R7-511K 5 24R9-30K PCF1206H 50 0.25 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF1210H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% 0.05% 0.01% PCF0402P 50 0.063 25 25R-25K 25 15 49R9-12K PCF0603P 50 0.063 50 25R-332K 25 15 25R-100K PCF0805P 50 0.1 100 10R-800K 25 15 25R-200K PCF1206P 50 0.125 150 10R-1M 25 15 25R-500K PCF2010P 50 0.25 150 10R-1M 25 15 25R-500K PCF2512P 50 0.5 150 10R-1M 25 15 25R-500K Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603H 50 0.1 75 4R7-1M 4R7-332K 24R9-100K 25 15 4R7-332K 10 5 24R9-15K PCF0805H 50 0.125 150 1R-1M 4R7–1M 4R7-511K 24R9-200K 25 15 4R7-1M 10 4R7-511K 5 24R9-30K PCF1206H 50 0.25 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF1210H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF2010H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K PCF2512H 50 0.75 200 1R-2K 4R7-2K 24R9-2K 25 15 10 Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% PCF0402P 50 0.063 25 25R-25K 25 15 49R9-12K PCF0603P 50 0.063 50 25R-332K 25 15 PCF0805P 50 0.1 100 10R - 1M 25 15 PCF1206P 50 0.125 150 10R-1M 25 15 PCF2010P 50 0.25 150 10R - 1M5 25 15 25R - 1M PCF2512P 50 0.5 150 10R - 1M5 25 15 25R - 1M Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603X 50 0.166 100 10R-332K 25 PCF0805X 50 0.25 150 10R-500K 25 PCF1206X 50 0.333 200 10R-1M 25 PCF2512X 50 1 200 1R-100R 4R7-100R 25 * Standard values E24 or E96. Other values may be available by request. Electrical Data - High Power Range Electrical Data - Extended High Power Range Electrical Data - Passivated Range * Standard values E24 or E96. Other values may be available by request. Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 1% 0.5% 0.25% 0.1% 0.05% PCF0603H…A 50 0.1 75 10R – 332K 10R – 49K9 25 PCF0805H…A 50 0.125 150 10R – 1M0 10R – 100K 25 PCF1206H…A 50 0.25 200 10R – 200K 25 PCF1210H…A 50 0.33 200 10R – 499K 25 PCF2010H…A 50 0.33 200 25 Electrical Data - AEQ-Q200 Grade – High Power Range 05.18 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc http://www.ttelectronics.com/resistors BI Technologies IRC Welwyn OBSOLETE PCF-X |