công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BHP bảng dữ liệu(PDF) 2 Page - TT Electronics.

tên linh kiện BHP
Giải thích chi tiết về linh kiện  Noninductive Planar Low Cost, 20 Watt TO 220 Package Thick Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BHP bảng dữ liệu(HTML) 2 Page - TT Electronics.

  BHP Datasheet HTML 1Page - TT Electronics. BHP Datasheet HTML 2Page - TT Electronics. BHP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Noninductive Planar Low Cost, 20 Watt
TO 220 Package Thick Film Resistor
BHP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Environmental (Per Mil-R-83401)
Standard Resistance Values (Ohms)
Packaging
Power Derating Curve
Thermal Shock
ΔR 0.50%
Terminal Strength
ΔR 0.25%
Short Time Overload
2 x rated power, 5 seconds,
ΔR 0.50%
Moisture Resistance
ΔR 0.50%
Mechanical Shock
30G's,
ΔR 0.25%
Vibration
10G's, 10 to 500 Hz
ΔR 0.25%
Low Temperature Storage
ΔR 0.25%
High Temperature Exposure
ΔR 0.25%
Load Life, 1,000 Hours
ΔR 2.00%
Resistance to Solder Heat
ΔR 0.25%
Dielectric Withstanding Voltage, Minimum
1,000 Vdc
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL 94V-0 Rated
Storage
-55°C to +155°C
Value
1
2
5
10
20
50
100
200
500
1K
2K
5K
10K
Standard: 50 per tray
Code
1R0
2R0
5R0
100
200
500
101
201
501
102
202
502
103
Percent of
Rated Power
100
80
60
40
20
0
155
25
Degrees C
OBSOLETE



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com