| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBF 20-RJ45 bảng dữ liệu(PDF) 9 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
|
|||||||||||||||||||||||||||||
MBF 20-RJ45 bảng dữ liệu(HTML) 9 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
9 / 22 page ![]() Cable glands Pg cable glands POZ, polyamide, light grey, IP 65 Model Order no. Note POZ 7 12051809 Pg 7; cable diameter 4-6 mm POZ 9 12051909 Pg 9; cable diameter 6-8 mm POZ 11 12052009 Pg 11; cable diameter 8-10 mm POZ 13 12052109 Pg 13.5; cable diameter 10-12 mm POZ 16 12052209 Pg 16; cable diameter 12-14 mm Pg cable glands with anti-kink protection POZB, polyamide, light grey, IP 65 Model Order no. Note POZB 7 12052609 Pg 7; cable diameter 4-6 mm POZB 9 12052709 Pg 9; cable diameter 6-8 mm POZB 11 12052809 Pg 11; cable diameter 8-10 mm POZB 13 12052909 Pg 13.5; cable diameter 10-12 mm Pg counter nuts GM, polyamide, light grey Model Order no. Note GM 7 52080100 Pg 7 GM 9 52080200 Pg 9 GM 11 52080300 Pg 11 GM 13 52080400 Pg 13.5 GM 16 52080500 Pg 16 GM 21 52080600 Pg 21 GM 29 52080700 Pg 29 GM 36 52080800 Pg 36 8 * = Available on request |