công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBF 16 bảng dữ liệu(PDF) 11 Page - Phoenix Mecano S.E. Asia Pte Ltd

tên linh kiện MBF 16
Giải thích chi tiết về linh kiện  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Trang chủ  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 16 bảng dữ liệu(HTML) 11 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button MBF 16 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 10Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 11Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 12Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 13Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Cable glands
Metric EMC cable glands MEMV, brass, nickel-plated, IP 68 (5 bar, 30 min)
Model
Order no.
Note
MEMV 16
12102200* M16 x 1.5; cable diameter 5-9 mm
MEMV 20
12102300* M20 x 1.5; cable diameter 9-13 mm
MEMV 25
12102400* M25 x 1.5; cable diameter 11-16 mm
MEMV 32
12102500* M32 x 1.5; cable diameter 14-21 mm
MEMV 40
12102600
M40 x 1.5; cable diameter 19-27 mm
Metric cable glands MSBF, brass, nickel-plated, IP 68 (5 bar, 30 min)
Model
Order no.
Note
MSBF 12
13002100
M12 x 1.5; cable diameter 3-6 mm
MSBF 16
13002200
M16 x 1.5; cable diameter 5-9 mm
MSBF 20
13002300
M20 x 1.5; cable diameter 9-13 mm
MSBF 25
13002400
M25 x 1.5; cable diameter 11-16 mm
MSBF 32
13002500
M32 x 1.5; cable diameter 14-21 mm
MSBF 40
13002600* M40 x 1.5; cable diameter 19-27 mm
Metric counter nuts MGMS, brass, nickel-plated
Model
Order no.
Note
MGMS 12
13160100
M12 x 1.5
MGMS 16
13160200
M16 x 1.5
MGMS 20
13160300
M20 x 1.5
MGMS 25
13160400
M25 x 1.5
MGMS 32
13160500
M32 x 1.5
MGMS 40
13160600
M40 x 1.5
Metric EX blind plugs MBL-EX..MS, brass, nickel-plated
Model
Order no.
Note
MBL-EX 12 MS
52014100* M12 x 1.5
MBL-EX 16 MS
52014200* M16 x 1.5
MBL-EX 20 MS
52014300* M20 x 1.5
MBL-EX 25 MS
52014400* M25 x 1.5
MBL-EX 32 MS
52014500* M32 x 1.5
MBL-EX 40 MS
52014600* M40 x 1.5
Pg cable glands MSS, brass, nickel-plated, IP 54
Model
Order no.
Note
MSS 7
13020100* Pg 7; cable diameter 4-6 mm
MSS 9
13020200* Pg 9; cable diameter 6-8 mm
MSS 11
13020300* Pg 11; cable diameter 8-10 mm
MSS 13
13020400* Pg 13.5; cable diameter 10-12 mm
MSS 16
13020500* Pg 16; cable diameter 12-14 mm
MSS 21
13020600* Pg 21; cable diameter 15-17 mm
Pg cable glands MSD, brass, nickel-plated, IP 65
Model
Order no.
Note
MSD 7
13040100
Pg 7; cable diameter 4-6.5 mm
MSD 9
13040200
Pg 9; cable diameter 5-10 mm
MSD 11
13040300
Pg 11; cable diameter 7-11.5 mm
MSD 13
13040400
Pg 13; cable diameter 8-15 mm
MSD 16
13040500
Pg 16; cable diameter 8-15 mm
10
* = Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22