| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBF 12 bảng dữ liệu(PDF) 11 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
|
|||||||||||||||||||||||||||||
MBF 12 bảng dữ liệu(HTML) 11 Page - Phoenix Mecano S.E. Asia Pte Ltd |
|
11 / 22 page ![]() Cable glands Metric EMC cable glands MEMV, brass, nickel-plated, IP 68 (5 bar, 30 min) Model Order no. Note MEMV 16 12102200* M16 x 1.5; cable diameter 5-9 mm MEMV 20 12102300* M20 x 1.5; cable diameter 9-13 mm MEMV 25 12102400* M25 x 1.5; cable diameter 11-16 mm MEMV 32 12102500* M32 x 1.5; cable diameter 14-21 mm MEMV 40 12102600 M40 x 1.5; cable diameter 19-27 mm Metric cable glands MSBF, brass, nickel-plated, IP 68 (5 bar, 30 min) Model Order no. Note MSBF 12 13002100 M12 x 1.5; cable diameter 3-6 mm MSBF 16 13002200 M16 x 1.5; cable diameter 5-9 mm MSBF 20 13002300 M20 x 1.5; cable diameter 9-13 mm MSBF 25 13002400 M25 x 1.5; cable diameter 11-16 mm MSBF 32 13002500 M32 x 1.5; cable diameter 14-21 mm MSBF 40 13002600* M40 x 1.5; cable diameter 19-27 mm Metric counter nuts MGMS, brass, nickel-plated Model Order no. Note MGMS 12 13160100 M12 x 1.5 MGMS 16 13160200 M16 x 1.5 MGMS 20 13160300 M20 x 1.5 MGMS 25 13160400 M25 x 1.5 MGMS 32 13160500 M32 x 1.5 MGMS 40 13160600 M40 x 1.5 Metric EX blind plugs MBL-EX..MS, brass, nickel-plated Model Order no. Note MBL-EX 12 MS 52014100* M12 x 1.5 MBL-EX 16 MS 52014200* M16 x 1.5 MBL-EX 20 MS 52014300* M20 x 1.5 MBL-EX 25 MS 52014400* M25 x 1.5 MBL-EX 32 MS 52014500* M32 x 1.5 MBL-EX 40 MS 52014600* M40 x 1.5 Pg cable glands MSS, brass, nickel-plated, IP 54 Model Order no. Note MSS 7 13020100* Pg 7; cable diameter 4-6 mm MSS 9 13020200* Pg 9; cable diameter 6-8 mm MSS 11 13020300* Pg 11; cable diameter 8-10 mm MSS 13 13020400* Pg 13.5; cable diameter 10-12 mm MSS 16 13020500* Pg 16; cable diameter 12-14 mm MSS 21 13020600* Pg 21; cable diameter 15-17 mm Pg cable glands MSD, brass, nickel-plated, IP 65 Model Order no. Note MSD 7 13040100 Pg 7; cable diameter 4-6.5 mm MSD 9 13040200 Pg 9; cable diameter 5-10 mm MSD 11 13040300 Pg 11; cable diameter 7-11.5 mm MSD 13 13040400 Pg 13; cable diameter 8-15 mm MSD 16 13040500 Pg 16; cable diameter 8-15 mm 10 * = Available on request |