| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM48821TL/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM48821TL/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 23 page ![]() LM48821, LM48821TLEVAL www.ti.com SNAS354A – JUNE 2007 – REVISED MAY 2013 PIN DESCRIPTIONS Pin Designator Pin Name Pin Function A1 SVDD Signal power supply input A2 SGND Signal ground A3 IN A+ Left non-inverting input A4 IN A- Left inverting input B1 VOA Left output B2 VOB Right output B3 IN B+ Right non-inverting input B4 IN B- Right inverting input C1 VSS DC to DC converter output C2 SCL I2C serial clock input C3 SDA I2C serial data input C4 I2CVDD I2C supply voltage input D1 CCP- DC to DC converter flying capacitor inverting input D2 PGND Power ground D3 CCP+ DC to DC converter flying capacitor non-inverting input D4 PVDD DC to DC converter power supply input Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM48821 LM48821TLEVAL |