| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3532 bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3532 bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 52 page ![]() Zone 2 Zone Boundary 3 High Zone Boundary 3 Low Zone Boundary 2 High Zone Boundary 2 Low Zone Boundary 1 High Zone Boundary 1 Low Zone Boundary 0 High Zone Boundary 0 Low Zone 3 Zone 2 Zone 1 Zone 2 Zone 1 Zone 2 Zone 3 Zone 0 Zone 1 Zone 3 Zone 4 Zone 4 LM3532 www.ti.com SNVS653E – JULY 2011 – REVISED AUGUST 2015 Figure 15. ALS Zone Boundaries + Hysteresis 7.4.10.4 PWM Enabled for a Particular Zone The active PWM input for a specified control bank can be enabled/disabled for each ALS Brightness Zone. This is done via bits[6:2] of the corresponding Control A, B, or C PWM Registers (see Table 6, Table 7, and Table 8). For example, assuming Control Bank A is being used, then to make the PWM input active in Zones 0, 2, and 4, but not active in Zones 1, and 3; bits[6:2] of the Control A PWM Register would be set to (1, 0, 1, 0, 1). 7.4.10.5 ALS Operation Figure 16 shows a functional block diagram of the LM3532's ambient light sensor interface. Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback 17 Product Folder Links: LM3532 |