công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46517 bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp

tên linh kiện SLG46517
Giải thích chi tiết về linh kiện  GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m/2 A P-FET
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46517 bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp

Back Button SLG46517 Datasheet HTML 35Page - Renesas Technology Corp SLG46517 Datasheet HTML 36Page - Renesas Technology Corp SLG46517 Datasheet HTML 37Page - Renesas Technology Corp SLG46517 Datasheet HTML 38Page - Renesas Technology Corp SLG46517 Datasheet HTML 39Page - Renesas Technology Corp SLG46517 Datasheet HTML 40Page - Renesas Technology Corp SLG46517 Datasheet HTML 41Page - Renesas Technology Corp SLG46517 Datasheet HTML 42Page - Renesas Technology Corp SLG46517 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
Datasheet
12-Feb-2025
CFR0011-120-00
Revision 3.13
39 of 189
© 2025 Renesas Electronics Corporation
SLG46517
GreenPAK Programmable Mixed-Signal Matrix
with ASM and Dual 44 m
/2 A P-FET
Table 39: IO13 Register Settings
Signal Function
Register Bit
Address
Register Definition
IO13 Pull-up/down
Resistor Selection
[1129]
0: Pull-down Resistor
1: Pull-up Resistor
IO13 Pull-up/down
Resistor Value
Selection
[1131:1130]
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
IO13 Mode Control
(sig_IO13_oe = 1)
[1135:1134]
00: Push-Pull 1x
01: Push-Pull 2x
10: Open-Drain NMOS 1x
11: Open-Drain NMOS 2x
IO13 Mode Control
(sig_IO13_oe = 0)
[1133:1132]
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Reserved
Table 40: IO14 Register Settings
Signal Function
Register Bit
Address
Register Definition
IO14 Driver
Strength Selection
[1137]
0: 1x
1: 2x
IO14 Pull-up/down
Resistor Selection
[1138]
0: Pull-down Resistor
1: Pull-up Resistor
IO14 Pull-up/down
Resistor Value
Selection
[1140:1139]
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
IO14 Mode Control
[1143:1141]
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push-Pull
101: Open-Drain NMOS
110: Open-Drain PMOS
111: Reserved
Table 41: IO15 Register Settings
Signal Function
Register Bit
Address
Register Definition
IO15 Pull-up/down
Resistor Selection
[1145]
0: Pull-down Resistor
1: Pull-up Resistor
IO15 Pull-up/down
Resistor Value
Selection
[1147:1146]
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
IO15 Mode Control
(sig_io15_oe = 0)
[1149:1148]
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Analog Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com