công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FVG.03.303.CLAE44 bảng dữ liệu(PDF) 3 Page - LEMO Connectors

tên linh kiện FVG.03.303.CLAE44
Giải thích chi tiết về linh kiện  Plug - Straight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEMO [LEMO Connectors]
Trang chủ  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FVG.03.303.CLAE44 bảng dữ liệu(HTML) 3 Page - LEMO Connectors

  FVG.03.303.CLAE44 Datasheet HTML 1Page - LEMO Connectors FVG.03.303.CLAE44 Datasheet HTML 2Page - LEMO Connectors FVG.03.303.CLAE44 Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.lemo.com/int_en/fvg-03-303-clae44.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Cable fixation
Cable termination protection
Standard back nut (no additional protection)
Fixation type
Crimp
Drawings
Dimensions
A
L
M
S1
mm.
11.8
34.7
26.5
11
in.
0.46
1.37
1.04
0.43



Html Pages

1 2 3