| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS78LS120QML bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DS78LS120QML bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 13 page ![]() DS78LS120 is OBSOLETE DS78LS120QML, DS78LS120 www.ti.com SNLS370C – SEPTEMBER 1999 – REVISED APRIL 2013 For unbalanced operation, the receiver would be in an indeterminate logic state if the offset control input was open. Connecting the fail-safe offset pin to 5V, offsets the receiver threshold to 0.45V. The output is forced to a logic zero state if the input is open or shorted. Figure 8. Unbalanced RS-423 and RS-232 Fail-Safe Figure 9. Balanced RS-422 Fail-Safe Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: DS78LS120QML DS78LS120 |