công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29GL01GS10DFIV10 bảng dữ liệu(PDF) 65 Page - Cypress Semiconductor

tên linh kiện S29GL01GS10DFIV10
Giải thích chi tiết về linh kiện  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV10 bảng dữ liệu(HTML) 65 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV10 Datasheet HTML 61Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 62Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 63Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 64Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 65Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 67Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 68Page - Cypress Semiconductor S29GL01GS10DFIV10 Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 65 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
8.3
Versatile I/O Feature
The maximum output voltage level driven by, and input levels acceptable to, the device are determined by the VIO power supply.
This supply allows the device to drive and receive signals to and from other devices on the same bus having interface signal levels
different from the device core voltage.
8.4
Ready/Busy# (RY/BY#)
RY/BY# is a dedicated, open drain output pin that indicates whether an Embedded Algorithm, Power-On Reset (POR), or Hardware
Reset is in progress or complete. The RY/BY# status is valid after the rising edge of the final WE# pulse in a command sequence,
when VCC is above VCC minimum during POR, or after the falling edge of RESET#. Since RY/BY# is an open drain output, several
RY/BY# pins can be tied together in parallel with a pull up resistor to VIO.
If the output is Low (Busy), the device is actively erasing, programming, or resetting. (This includes programming in the Erase
Suspend mode). If the output is High (Ready), the device is ready to read data (including during the Erase Suspend mode), or is in
the standby mode.
Table 5.3, Data Polling Status on page 39 shows the outputs for RY/BY# in each operation.
If an Embedded algorithm has failed (Program / Erase failure as result of max pulses or Sector is locked),
RY/BY# will stay Low (busy) until status register bits 4 and 5 are cleared and the reset command is issued. This includes Erase or
Programming on a locked sector.
8.5
Hardware Reset
The RESET# input provides a hardware method of resetting the device to standby state. When RESET# is driven Low for at least a
period of tRP, the device immediately:
terminates any operation in progress,
exits any ASO,
tristates all outputs,
resets the Status Register,
resets the EAC to standby state.
CE# is ignored for the duration of the reset operation (tRPH).
To meet the Reset current specification (ICC5) CE# must be held High.
To ensure data integrity any operation that was interrupted should be reinitiated once the device is ready to accept another
command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com