công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LUJBXF6-1-63-20.0-R bảng dữ liệu(PDF) 11 Page - Sensata Technologies, Inc.

tên linh kiện LUJBXF6-1-63-20.0-R
Giải thích chi tiết về linh kiện  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LUJBXF6-1-63-20.0-R bảng dữ liệu(HTML) 11 Page - Sensata Technologies, Inc.

Back Button LUJBXF6-1-63-20.0-R Datasheet HTML 7Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 8Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 9Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 10Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 11Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 12Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 13Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 14Page - Sensata Technologies, Inc. LUJBXF6-1-63-20.0-R Datasheet HTML 15Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LEJ & LEJA Series - Delay Curves
142
Delay
100%
125%
150%
200%
400%
600%
800%
1000%
61
No Trip
.700 to 12
.35 to 7.0
.130 to 3.0
.030 to 1
.015 to .3
.01 to .15
.008 to .1
62
No Trip
10 to 120
6 to 60
2 to 20
.2 to 3.0
.015 to 2
.015 to .8
.01 to .25
63
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.015 to 10
.013 to .85
.013 to .5
69
No Trip
0.120 max
0.100 max
0.050 max
0.022 max
0.017 max
0.017 max
0.017 max
PERCENTAGE OF RATED CURRENT VS TRIP TIME IN SECONDS
The table above provides a comparison of inrush pulse
tolerance for each of the 50/60Hz delays. Pulse tolerance is
defined as a single pulse of half sine wave peak current
amplitude of 8 milliseconds duration that will not trip the
circuit breaker. Consult Sensata Technologies for further
assistance.
Delay
Pulse Tolerance
61, 62, 63
10 times rated current (approx)
INRUSH PULSE TOLERANCE
Current
Ratings
(Amps)
Impedance
DCR and Impedance based on
100% rated current applied and
stabilized for a minimum of one
hour. Tolerance .05-2.5 amperes
± 20%: 2.6 -20 amperes ± 25%.
Consult factory for special
values and for coil impedance
of delays not shown.
AC, 50/60Hz (ohms)
61, 62, 63, 69
2.00
0.29
5.00
0.051
10.0
0.016
20.0
0.006
TYPICAL RESISTANCE / IMPEDANCE
DELAY CURVES
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 61
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 62
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 69
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 63
50/60Hz Long Delay (Motor Start)
50/60Hz Medium Delay
50/60Hz Short Delay
50/60Hz 125% Instant Trip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com