công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LUJBXF11-1-62-20.0-R bảng dữ liệu(PDF) 13 Page - Sensata Technologies, Inc.

tên linh kiện LUJBXF11-1-62-20.0-R
Giải thích chi tiết về linh kiện  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LUJBXF11-1-62-20.0-R bảng dữ liệu(HTML) 13 Page - Sensata Technologies, Inc.

Back Button LUJBXF11-1-62-20.0-R Datasheet HTML 7Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 8Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 9Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 10Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 11Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 12Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 13Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 14Page - Sensata Technologies, Inc. LUJBXF11-1-62-20.0-R Datasheet HTML 15Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LEJBXA
– –
66
– 20.0 – AG – M6 – T
62
1
1. Type & Handle
Standard toggle
& mounting
(no entry, proceed
to step 1c)
Step 1b (optional)
Step 1c (optional)
Step 1a
* TÜV approval (EN60947-2) requires “T” added to end of part number
“ZX” & “BX” versions are single handle construction only. 2-pole units handle may be located on either
pole, other than standard handle locations shown. Units must be ordered as non descript part numbers.
One Handle
per Unit,
UL 489 Listed,
CSA, TÜV*
LEJ
Low depth construction
(ex. LEJA)
A
Flat bus connect
screw terminal
(ex. LUJZXF)
F
One Handle
per Pole,
UL 489 Listed,
CSA, TÜV*
LEJH
One Handle
per Unit,
UL 489 Listed
LUJ
One Handle
per Pole,
UL 489 Listed
LUJH
2. Poles & Terminals
Two Poles, Quick Connect Terminals
3. Internal Conguration
Series
5. Rated Current
50/60Hz Short Delay
50/60Hz Medium Delay
50/60Hz Long Delay
(Motor Start)
50/60Hz
125% Instant Trip
Use three numbers in build
(2.00 or 15.0 or 20.0)
Required value between
2.00 amps minimum and
20.0 amps maximum,
full integers only
(specials available
upon request)
11
1
61
62
63
69
4. Frequency & Delay
Standard hardware,
no options required
Metric thread mounting inserts
and terminal hardware
Handle guard w/ limited access
(available for ZX & BX versions only)
Handle in opposite pole
(2-pole only)
A
G
M
Optional “Z” barrier
(not available on “A” low depth)
Z
6. Additional Options
For BX: Bezel of BX is black. BX markings are same color as indicating color. Consult factory for other marking options.
For ZX: Black, red, blue and green handles have white marking. White, yellow and orange handles have black marking.
Note, these are just a few of the options/orientations/colors available, please consult the factory for additional information.
Toggle Handle
Black
Unmarked
- 00
Handle
Color
Marked
ON - OFF
I - O
- 01
Green
- 40
- 41
Yellow
Unmarked
- 10
Handle
Color
Marked
ON - OFF
I - O
- 11
Orange
- 60
- 61
Red
Unmarked
- 20
Handle
Color
Marked
ON - OFF
I - O
- 21
White
- 90
- 91
Blue
Unmarked
- 30
Handle
Color
Marked
ON - OFF
I - O
- 31
ZX Rocker Handle (Two-Color Rocker, Marking Detail “A”)
Vertical Mount
ON - OFF
(g 1)
Vertical Mount
I - O
(g 2)
Vertical Mount
ON - OFF
I - O
(g 3)
Horizontal Mount
ON - OFF
(g 4)
Horizontal Mount
I - O
(g 5)
Horizontal Mount
ON - OFF
I - O
(g 6)
Handle
Color
Indicating
Color
- F1
- F2
- F3
- F4
- F5
- F6
Black
White
- G1
- G2
- G3
- G4
- G5
- G6
Black
Red
Marking
Color
White
White
Indicates
OFF
OFF
BX Rocker Handle (Two-Color Rocker, Marking Detail ”A”)
Vertical Mount
ON - OFF
(g 1)
Vertical Mount
I - O
(g 2)
Vertical Mount
ON - OFF
I - O
(g 3)
Horizontal Mount
ON - OFF
(g 4)
Horizontal Mount
I - O
(g 5)
Horizontal Mount
ON - OFF
I - O
(g 6)
Handle
Color
—
- M2
- M3
—
—
- M6
Black
Indicating
Color
White
Marking
Color
White
Indicates
OFF
—
- N2
- N3
—
—
- N6
Black
Red
Red
OFF
7. Handle Colors, Indicators & Markings
MARKING DETAIL “A”
NOTE: “ON” actuates towards the “up” and “right” direction
LOAD
LOAD
LINE
LOAD
LOAD
LINE
LINE
LINE
FIG. 2
FIG. 3
FIG. 4
FIG. 5
FIG. 1
FIG. 6
OFF
ON
ON
OFF
OFF
ON
ON
OFF
O
O
Single Pole, Quick Connect Terminals
Single Pole, Screw Terminals
Two Poles, Screw Terminals
6
66
1
ZX
BX
ZX rocker with
integral mounting
BX at rocker with
integral mounting
8. Approvals
TÜV approved
Certied to EN60947-2
Includes the CE mark
T
LEJ & LEJA Series - Decision Tables
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com