| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV201AYMBRB bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV201AYMBRB bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() DRV201A ADDRESS 0 0 0 1 1 1 0 0 REGISTER NUMBER M DATA CURRENT REGISTER NUMBER K REGISTER NUMBER M DATA REGISTER NUMBER M+1 M+2 DATA REGISTER NUMBER M+L-1 M+L L bytes of DATA DRV201A ADDRESS 0 0 0 1 1 1 0 1 DATA REGISTER NUMBER M REGISTER NUMBER M+1 K+2 DATA DATA L bytes of DATA REGISTER NUMBER M+L-1 M+L DRV201A ADDRESS 0 0 0 1 1 1 0 0 REGISTER NUMBER M CURRENT REGISTER NUMBER K 0 0 0 1 1 1 0 1 DATA 0 0 0 1 1 1 0 1 DATA CURRENT REGISTER NUMBER K REGISTER NUMBER K+1 K+2 DRV201A ADDRESS DRV201A ADDRESS 0 0 0 1 1 1 0 0 REGISTER NUMBER M 0 0 0 1 1 1 0 1 DATA CURRENT REGISTER NUMBER K REGISTER NUMBER M M+1 DRV201A ADDRESS DRV201A ADDRESS DRV201A www.ti.com SLVSBN6A – JUNE 2013 – REVISED AUGUST 2015 Programming (continued) Figure 7. Single Read From A Defined Location Figure 8 shows the single read from the current location. If the read command is issued without defining the register number first, DRV201A writes out the data from the current register from the device memory. Figure 8. Single Read From The Current Location 7.5.1.3 Sequential Read and Write Sequential read and write allows simple and fast access to DRV201A registers. Figure 9 shows sequential read from a defined location. If the master doesn’t issue a stop condition after giving ACK, DRV201A auto increments the register number and writes the data from the next register. Figure 9. Sequential Read From A Defined Location Figure 10 shows the sequential write. If the master doesn’t issue a stop condition after giving ACK, DRV201A auto increments it’s register by one and the master can write to the next register. Figure 10. Sequential Write If read is started without writing the register value first, DRV201A writes out data from the current location. If the master doesn’t issue a stop condition after giving ACK, DRV201A auto increments the I2C register and writes out the data. This continues until the master issues a stop condition. This is shown in Figure 11. Copyright © 2013–2015, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: DRV201A |