công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8802IPWR bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện DAC8802IPWR
Giải thích chi tiết về linh kiện  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPWR bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments DAC8802IPWR Datasheet HTML 10Page - Texas Instruments DAC8802IPWR Datasheet HTML 11Page - Texas Instruments DAC8802IPWR Datasheet HTML 12Page - Texas Instruments DAC8802IPWR Datasheet HTML 13Page - Texas Instruments DAC8802IPWR Datasheet HTML 14Page - Texas Instruments DAC8802IPWR Datasheet HTML 15Page - Texas Instruments DAC8802IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
IOUTX
+
+
DGND
VDD
RFBX
AGNDX
Analog
Power
Supply
Load
15 V
2R
5 V
R
15 V
VEE
VCC
VOUT
A1
DGND
VREFX
R
R
R
2R
2R
2R
R
5 k
Ω
S2
S1
Digitalinterface onnectionsareomittedforclarity.
SwitchesS1andS2areclosed;V
mustbepowered.
DD
c
14
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
A0
A1
A
B
DAC
Decode
Input
Register
Input
Register
DACA
Register
DACB
Register
R
R
R
R
DACA
DACB
Set
MSB
Set
MSB
Power-On
Reset
DGND
MSB
LDAC
RS
V
DD
V
AB
REF
R A
FB
I
A
OUT
A
A
GND
A
B
GND
I
B
OUT
R B
FB
CS
CLK
SDI
EN
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
Figure 15 shows the gain vs frequency performance at various attenuation settings using a 3 pF external
feedback capacitor connected across the IOUTX and RFBX terminals. In order to maintain good analog
performance, power supply bypassing of 0.01 µF, in parallel with 1 µF, is recommended. Under these
conditions, a clean power supply with low ripple voltage capability should be used. Switching power supplies is
usually not suitable for this application due to the higher ripple voltage and PSS frequency-dependent
characteristics. It is best to derive the DAC8802 5-V supply from the system analog supply voltages (do not use
the digital 5-V supply); see Figure 31.
Figure 31. Recommended Kelvin-Sensed Hookup
Figure 32. System Level Digital Interfacing
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com