công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8534IPW bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện DAC8534IPW
Giải thích chi tiết về linh kiện  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8534IPW bảng dữ liệu(HTML) 3 Page - Texas Instruments

  DAC8534IPW Datasheet HTML 1Page - Texas Instruments DAC8534IPW Datasheet HTML 2Page - Texas Instruments DAC8534IPW Datasheet HTML 3Page - Texas Instruments DAC8534IPW Datasheet HTML 4Page - Texas Instruments DAC8534IPW Datasheet HTML 5Page - Texas Instruments DAC8534IPW Datasheet HTML 6Page - Texas Instruments DAC8534IPW Datasheet HTML 7Page - Texas Instruments DAC8534IPW Datasheet HTML 8Page - Texas Instruments DAC8534IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
DAC8534
SBAS254D
www.ti.com
REFERENCE INPUT
Reference Current
VREF = AVDD = +5V
135
180
µA
VREF = AVDD = +3V
80
120
µA
Reference Input Range
0
AVDD
V
Reference Input Impedance
37
k
Ω
LOGIC INPUTS (2)
Input Current
±1
µA
V
INL, Input LOW Voltage
IOV
DD = +5V
0.8
V
V
INL, Input LOW Voltage
IOV
DD = +3V
0.6
V
V
INH, Input HIGH Voltage
IOV
DD = +5V
2.4
V
V
INH, Input HIGH Voltage
IOV
DD = +3V
2.1
V
Pin Capacitance
3pF
POWER REQUIREMENTS
AV
DD
2.7
5.5
V
IOV
DD
2.7
5.5
V
AIDD (normal mode)
DAC Active and Excluding Load Current
IOIDD
10
20
µA
AI
DD = +3.6V to +5.5V
V
IH = IOVDD and VIL = GND
0.95
1.6
mA
AI
DD = +2.7V to +3.6V
V
IH = IOVDD and VIL = GND
0.9
1.5
mA
AI
DD (all power-down modes)
AI
DD = +3.6V to +5.5V
V
IH = IOVDD and VIL = GND
0.8
1
µA
AI
DD = +2.7V to +3.6V
V
IH = IOVDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2mA, AVDD = +5V
89
%
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
AV
DD = +2.7V to +5.5V, –40°C to +105°C, unless otherwise specified.
DAC8534
NOTES: (1) Linearity calculated using a reduced code range of 485 to 64714; output unloaded. (2) Ensured by design and characterization, not production tested.
PIN
NAME
DESCRIPTION
1VOUTA
Analog output voltage from DAC A.
2VOUTB
Analog output voltage from DAC B.
2VREFH
Positive reference voltage input.
4AVDD
Power supply input, +2.7V to +5.5V.
5VREFL
Negative reference voltage input.
6
GND
Ground reference point for all circuitry on the part.
7VOUTC
Analog output voltage from DAC C.
8VOUTD
Analog output voltage from DAC D.
9
SYNC
Level-triggered control input (active LOW). This is
the frame synchronization signal for the input data.
When SYNC goes LOW, it enables the input shift
register and data is transferred in on the falling
edges of the following clocks. The DAC is updated
following the 24th clock (unless SYNC is taken
HIGH before this edge in which case the rising edge
of SYNC acts as an interrupt and the write sequence
is ignored by the DAC8534).
10
SCLK
Serial Clock Input. Data can be transferred at rates
up to 30MHz.
11
DIN
Serial Data Input. Data is clocked into the 24-bit
input shift register on each falling edge of the serial
clock input.
12
IOVDD
Digital Input-Output Power Supply
13
A0
Address 0 — sets device address, see Table II.
14
A1
Address 1 — sets device address, see Table II.
15
ENABLE
Active LOW, ENABLE LOW connects the SPI inter-
face to the serial port.
16
LDAC
Load DACs, rising edge triggered loads all DAC
registers.
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
TSSOP
V
OUTA
V
OUTB
V
REFH
AV
DD
V
REFL
GND
V
OUTC
V
OUTD
LDAC
ENABLE
A1
A0
IOV
DD
D
IN
SCLK
SYNC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DAC8534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com