| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCLVD2102 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCLVD2102 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 22 page ![]() 250 260 270 280 290 300 310 320 330 340 350 0 100 200 300 400 500 600 800 Frequency − MHz 700 T = 25 C A o 2.625V 2.5V 2.375V CDCLVD2102 www.ti.com SCAS904A – MAY 2010 – REVISED JUNE 2010 TYPICAL CHARACTERISTICS INPUT CLOCK AND OUTPUT CLOCK PHASE NOISES vs FREQUENCY FROM THE CARRIER (TA = 25°C and VCC = 2.5V) Input clock jitter is 32 fs from 10 kHz to 20 MHz and additive RMS jitter is 152 fs Figure 3. 100 MHz Input and Output Phase Noise Plot Differential Output Voltage vs Frequency Figure 4. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): CDCLVD2102 |