| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD54HCT03F3A bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HCT03F3A bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 18 page ![]() www.ti.com EXAMPLE BOARD LAYOUT (5.4) 0.07 MAX ALL AROUND 0.07 MIN ALL AROUND 14X (1.55) 14X (0.6) 12X (1.27) (R0.05) TYP 4220718/A 09/2016 SOIC - 1.75 mm max height D0014A SMALL OUTLINE INTEGRATED CIRCUIT SYMM SYMM LAND PATTERN EXAMPLE SCALE:8X 1 7 8 14 NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED SOLDER MASK DETAILS SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK DEFINED |