công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD74HC280M96 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện CD74HC280M96
Giải thích chi tiết về linh kiện  High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC280M96 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button CD74HC280M96 Datasheet HTML 3Page - Texas Instruments CD74HC280M96 Datasheet HTML 4Page - Texas Instruments CD74HC280M96 Datasheet HTML 5Page - Texas Instruments CD74HC280M96 Datasheet HTML 6Page - Texas Instruments CD74HC280M96 Datasheet HTML 7Page - Texas Instruments CD74HC280M96 Datasheet HTML 8Page - Texas Instruments CD74HC280M96 Datasheet HTML 9Page - Texas Instruments CD74HC280M96 Datasheet HTML 10Page - Texas Instruments CD74HC280M96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74HC280M96
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17