công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD74FCT244ATM bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện CD74FCT244ATM
Giải thích chi tiết về linh kiện  BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CD74FCT244ATM bảng dữ liệu(HTML) 1 Page - Texas Instruments

  CD74FCT244ATM Datasheet HTML 1Page - Texas Instruments CD74FCT244ATM Datasheet HTML 2Page - Texas Instruments CD74FCT244ATM Datasheet HTML 3Page - Texas Instruments CD74FCT244ATM Datasheet HTML 4Page - Texas Instruments CD74FCT244ATM Datasheet HTML 5Page - Texas Instruments CD74FCT244ATM Datasheet HTML 6Page - Texas Instruments CD74FCT244ATM Datasheet HTML 7Page - Texas Instruments CD74FCT244ATM Datasheet HTML 8Page - Texas Instruments CD74FCT244ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD74FCT244, CD74FCT244AT
BiCMOS OCTAL BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCBS722B – JULY 2000 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From VCC
D Controlled Output Edge Rates
D 64-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
description/ordering information
The CD74FCT244 and CD74FCT244AT are octal
buffer/line drivers with 3-state outputs using a
small-geometry BiCMOS technology. The output stages are a combination of bipolar and CMOS transistors that
limit the output high level to two diode drops below VCC. This resultant lowering of output swing (0 V to 3.7 V)
reduces the power-bus ringing [a source of electromagnetic interference (EMI)] and minimizes VCC bounce and
ground bounce and their effects during simultaneous output switching. The output configuration also enhances
switching speed and is capable of sinking 64 mA.
These devices are organized as two 4-bit buffers/line drivers with separate active-low output-enable (OE)
inputs. When OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0 C to 70 C
PDIP – E
Tube
CD74FCT244E
CD74FCT244E
0 C to 70 C
SOIC – M
Tube
CD74FCT244M
74FCT244M
0 C to 70 C
SOIC – M
Tape and reel
CD74FCT244M96
74FCT244M
0
°C to 70°C
SSOP – SM
Tape and reel
CD74FCT244SM96
FCT244SM
PDIP – E
Tube
CD74FCT244ATE
CD74FCT244ATE
SOIC – M
Tube
CD74FCT244ATM
74FCT244ATM
SOIC – M
Tape and reel
CD74FCT244ATM96
74FCT244ATM
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer/driver)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CD74FCT244 . . . E, M, OR SM PACKAGE
CD74FCT244AT...E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1


Số phần tương tự - CD74FCT244ATM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD74FCT244ATM TI-CD74FCT244ATM Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD74FCT244ATM TI-CD74FCT244ATM Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CD74FCT244ATM96 TI-CD74FCT244ATM96 Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CD74FCT244ATM96E4 TI-CD74FCT244ATM96E4 Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CD74FCT244ATM96G4 TI-CD74FCT244ATM96G4 Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - CD74FCT244ATM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
CD74FCT244M96 TI-CD74FCT244M96 Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com