công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD74HC03M96 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện CD74HC03M96
Giải thích chi tiết về linh kiện  High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC03M96 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button CD74HC03M96 Datasheet HTML 9Page - Texas Instruments CD74HC03M96 Datasheet HTML 10Page - Texas Instruments CD74HC03M96 Datasheet HTML 11Page - Texas Instruments CD74HC03M96 Datasheet HTML 12Page - Texas Instruments CD74HC03M96 Datasheet HTML 13Page - Texas Instruments CD74HC03M96 Datasheet HTML 14Page - Texas Instruments CD74HC03M96 Datasheet HTML 15Page - Texas Instruments CD74HC03M96 Datasheet HTML 16Page - Texas Instruments CD74HC03M96 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.4)
12X (1.27)
14X (0.6)
14X (1.55)
4220718/A 09/2016
SOIC - 1.75 mm max height
D0014A
SMALL OUTLINE INTEGRATED CIRCUIT
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
7
8
14
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:8X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18