| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74AC245EE4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74AC245EE4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 15 page ![]() Input tr, tf = 3ns, CL = 50pF (Worst Case). Over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms) PARAMETER VCC (V) -40°C TO 85°C -55°C TO 125°C UNIT MIN TYP MAX MIN TYP MAX VOLP Maximum (Peak) VOL During switching of other outputs (output under test not switching) 5 1 at 25°C 1 at 25°C V CO Three-state output capacitance 15 15 pF CI Input capacitance 10 10 pF CPD Power dissipation capacitance 57 57 pF ACT TYPES tPLH, tPHL Propagation delay, data to output 5 2.7 9.1 2.5 10 ns tPLZ, tPHZ Propagation delay, output disable to output 5 3.7 12.7 3.5 14 ns tPZL, tPZH Propagation delay, output enable to output 5 3.8 13.1 3.6 14.4 ns VOHV Minimum (Valley) VOH During switching of other outputs (output under test not switching) 5 4 at 25°C 4 at 25°C V VOLP Maximum (Peak) VOL During switching of other outputs (output under test not switching) 5 1 at 25°C 1 at 25°C V CO Three-state output capacitance 15 15 pF CI Input capacitance 10 10 pF CPD Power dissipation capacitance 57 57 pF 1. Limits tested 100% 2. 3.3V Min is at 3.6V, Max is at 3V 3. 5V Min is at 5.5V, Max is at 4.5V 4. CPD is used to determine the dynamic power consumption per channel • AC: PD = VCC2 fi (CPD + CL) • ACT: PD = VCC2 fi (CPD + CL) + VCC ∆ ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage www.ti.com CD54AC245, CD74AC245, CD54ACT245, CD74ACT245 SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: CD54AC245 CD74AC245 CD54ACT245 CD74ACT245 |