| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2512I bảng dữ liệu(PDF) 34 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2512I bảng dữ liệu(HTML) 34 Page - SMSC Corporation |
|
34 / 37 page ![]() Industrial Temperature Rated USB 2.0 High-Speed 2-Port Hub Controller Datasheet Revision 1.92 (11-28-07) 34 SMSC USB2512i DATASHEET Notes: 1. Output leakage is measured with the current pins in high impedance. 2. See USB 2.0 Specification for USB DC electrical characteristics. Supply Current Unconfigured High-Speed Host Full-Speed Host ICCINTHS ICCINITFS 90 80 95 85 mA mA Supply Current Configured (High-Speed Host) 1 Port HS, 1 Port LS/FS 2 Ports @ LS/FS 2 Ports @ HS IHCH1C1 IHCC2 IHCH2 130 120 135 145 140 210 mA mA mA All supplies combined Supply Current Configured (Full-Speed Host) 1 Port 2 Ports IFCC1 IFCC2 105 105 135 135 mA mA All supplies combined Supply Current Suspend ICSBY 310 540 μA All supplies combined Supply Current Reset ICRST 105 340 μA All supplies combined Table 5.1 DC Electrical Characteristics (continued) PARAMETER SYMBOL MIN TYP MAX UNITS COMMENTS |