| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MOSX1CT52R104F bảng dữ liệu(PDF) 4 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
MOSX1CT52R104F bảng dữ liệu(HTML) 4 Page - KOA Speer Electronics, Inc. |
|
4 / 4 page ![]() POWER TYPE 0.8max. 0.5max 2.5max. 2max. 6±0.5 d 1 A L H1 1.6t P H2 d W . 2 P 2max d H ■Secondary Processed Products(mm) L Forming M Forming φd UCL Forming 168 MOS FixedMetalOxideFilmResistors(Smalltype) MOSX FixedMetalFilmResistors(Smalltype) Type MOS MOSX P±1 H 1±1 H 2±1 d (Nominal) L max. Substrate hole dia 1/2CL10A 10.0 5.3 4.0 0.6 φ0.8 1CL12.5A 12.5 7.0 0.8 φ1.0 1CL15A 15.0 6.5 2CL15A 7.0 17.5 2CL15F 4.5 2CL20A 20.0 9.0 2CL20D 4.8 3CL20A 8.0 3CL20C 10.0 3CL20T 4.0 3CL25A 25.0 7.0 3CL30A 30.0 7.0 5CL30A 8.5 5CL35A 35.0 5.5 Type MOS MOSX P±1 H±1 d (Nominal) Substrate hole dia 1/2CM10C 10.0 3.5 0.6 φ0.8 1/2CM10F 10.0 5.0 0.6 1CM12.5C 12.5 3.5 0.8 φ1.0 1CM12.5D 12.5 4.0 0.8 1CM15F 15.0 5.0 0.8 1CM15J 15.0 6.3 0.8 1CM15S 15.0 11.0 0.8 2CM15C 15.0 3.5 0.8 2CM15E 15.0 4.5 0.8 2CM20D 20.0 4.0 0.8 2CM20U 20.0 13.5 0.8 3CM20E 20.0 4.6 0.8 3CM26E 26.0 4.7 0.8 5CM30U 30.0 13.0 0.8 Type MOS MOSX H1±1 H2±1 H3±1 d (Nominal) Insertion pitch Substrate hole dia 1CUCL 13.0 17.0max. 3.5 0.8 5.0 φ1.0 2CUCL 14.5 18.5max. 3.5 3CUCL 20.0max. 22.0 4.0 Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. Oct. 2020 Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment. Malfunction or failure of the products in such applications may cause loss of human life or serious damage. www.koaglobal.com ■Secondary Processed Products(mm) VTF Radial Taping φD P Insulated Lead H0 HA P1 F F1 φD0 P0 W1 W Insulated Lead φD P H0 H A P1 F φD0 P0 W1 W P T A d B D A Solder pad Component 169 Various lead forming shapes are available upon request. Please feel free to ask us. VTP Radial Taping N Forming Recommended Pad Dimensions Breed MOS/MOSX Rating 1/2C 1C 2C 2C Type VTP VTP VTP VTF A 6.2±0.5 9.0±10 12.0±1.0 12.0±1.0 φD 2.5±0.5 3.0±0.5 4.0±0.5 4.0±0.5 d(nominal) 0.6 0.65 0.8 F 5.0±0.5 F 1 7.3max. H 13max. 16max. 22.5max. 22.5max. H 0 16+1.0/-0 P 12.7±1.0 P 0 12.7±0.3 P 1 3.85±0.7 W 18.0±0.5 W 1 9.0±0.5 φD 0 4.0±0.2 Substrate hole dia φ0.8 φ1.0 ・The color of insulated lead: Green ・Insertion pitch:5.0mm Breed MOS/MOSX Rating 1C 2C 3C Type N14.5TEB N17TEB N20TEG P±1 14.5 17.0 20.0 T±0.5 5.0 6.0 7.5±1.0 A±0.5 4.8 5.8 6.5 d(nominal) 0.8 0.8 0.8 ・Need a dedicated nozzle for automatic mounting. ・Please inquire to us before use. Breed MOS/MOSX Rating 1C 2C 3C Type N14.5TEB N17TEB N20TEG A 12.5 14.6 17.6 B 16.5 19.4 22.4 C 7.0 8.0 9.5 D 2.0 2.4 2.4 ・Please refer to APPENDIX for the packaging specification. Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. Oct. 2020 Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment. Malfunction or failure of the products in such applications may cause loss of human life or serious damage. www.koaglobal.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment. Malfunction or failure of the products in such applications may cause loss of human life or serious damage. www.koaglobal.com Oct. 2022 |