công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FPP bảng dữ liệu(PDF) 4 Page - TT Electronics.

tên linh kiện FPP
Giải thích chi tiết về linh kiện  Platon Averaging Pitot Tube: Flo-Bar
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FPP bảng dữ liệu(HTML) 4 Page - TT Electronics.

  FPP Datasheet HTML 1Page - TT Electronics. FPP Datasheet HTML 2Page - TT Electronics. FPP Datasheet HTML 3Page - TT Electronics. FPP Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT Electronics plc
Issue B 7/2017
Page 4
TT Electronics | Roxspur Measurement & Control Ltd
2 Downgate Drive, Sheffield, S4 8BT, England |Ph: +44(0)114 244 2521
www.roxspur.com | sales@roxspur.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Platon Averaging Pitot
Tube: Flo-Bar
DS1710
Every effort has been made during the preparation of this document to ensure the accuracy of statements and specifications. However, we do not accept
liability for damage, injury, loss or expense caused by errors or omissions made. We reserve the right to withdraw or amend products or documentation
without notice.
Head Office: 2 Downgate Drive, Sheffield, S4 8BT, England
Tel: +44(0)114 244 2521
Fax: +44(0)114 243 4838
READOUT OPTIONS
Differential Pressure
Transmitter
The most frequently used
measurement system with a
Flo-Bar flow sensor is a
conventional DP transmitter,
either mounted directly on
the Flo-Bar manifold, or
separately mounted and
connected to the Flo-Bar via
impulse tubes.
Micro-Bar Electronics
For dry gas flow
measurement the Micro-Bar
low range differential
pressure transmitter and
alarm, is specifically
designed for flow display on
Flo-Bar installations. This
provides 4-20mA and
totaliser pulse outputs.
Ask for Data Sheet DS 1720.
Flow DP Gauge
Differential pressure
indicators can be installed
to monitor the Flo-Bar
generated DP, giving a
simple visual indication of
flow rate.
INSTALLATION INFORMATION
The installation of a Flo-Bar is straightforward, but must follow the normal rules stated for Orifice Plate or similar DP devices in BS EN ISO
5167. In general this means siting the Averaging Pitot Tube at least 7 diameters downstream of a single bend, and 3 diameters upstream
of a similar obstruction.
On horizontal pipes, the positioning of the Pitot Tube must not allow condensation in gas flow lines, or air bubbles in liquid flows, to col
lect in the head. So for gas flow measurement, for example, the Flo-Bar head must be above the pipeline, to allow any liquids to drain
away.
Flo Bar units can be installed in horizontal, vertical or angled pipelines: the position across the pipe diameter and the alignment of the
pressure ports must be maintained within 3o for the quoted accuracy to be achieved.
More information is provided in the Flo-Bar operation and maintenance manual (OMM1035), available on request.



Html Pages

1 2 3 4