| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COMPACT-EVOLUTION bảng dữ liệu(PDF) 4 Page - Coherent Corp |
|
|
|||||||||||||||||||||||||||||
COMPACT-EVOLUTION bảng dữ liệu(HTML) 4 Page - Coherent Corp |
|
4 / 5 page ![]() AVAILABLE ACCESSORIES1 OPTICS FOR RADIAL WELDING The processing head enables simultaneous welding of a radial symmetrical component without rotating part or optics. Customer specific, dimensioning, and optical set up can be optimized to the welding geometry. OPTICS FOR RADIAL WELDING WITH INTEGRATED PYROMETER The processing head enables quasi-simultaneous welding of a radial symmetrical component with the advantage of closed loop temperature control. The programmable servomotor allows the welding without rotating the part. LINE OPTICS Line optics are used for applications that require a rectangular or square spot. Customized optical layouts allow a wide variation of different foci’s. INTERFACE CONVERTER Interface Converter allows customers already using Compact Lasers an easy upgrade to Compact Evolution without changing the wiring of the customer interface. 1 All processing heads are available with SMA or QBH fiber connector. Compact Evolution XL Series Industrial High Power Diode Laser |