công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS3600 bảng dữ liệu(PDF) 2 Page - Synology Inc.

tên linh kiện FS3600
Giải thích chi tiết về linh kiện  FlashStation FS3600
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNOLOGY [Synology Inc.]
Trang chủ  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS3600 bảng dữ liệu(HTML) 2 Page - Synology Inc.

  FS3600 Datasheet HTML 1Page - Synology Inc. FS3600 Datasheet HTML 2Page - Synology Inc. FS3600 Datasheet HTML 3Page - Synology Inc. FS3600 Datasheet HTML 4Page - Synology Inc. FS3600 Datasheet HTML 5Page - Synology Inc. FS3600 Datasheet HTML 6Page - Synology Inc. FS3600 Datasheet HTML 7Page - Synology Inc. FS3600 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET | FlashStation FS3600
Fast, Scalable, and Affordable
FS3600 is an all-flash NAS solution that delivers more than
195,000 iSCSI
4K random write IOPS1, ideal for enterprises looking for high-speed
infrastructure that responds fast under I/O intensive workloads, such as
database, virtualization, or OLTP applications. FS3600 is
10GbE-ready
and is easily integrated to businesses' existing LAN environment, with a
competitive total cost of ownership.
Powered by
Synology DiskStation Manager (DSM), the award-winning
and web-based operating system, FS3600 provides an intuitive graphical
user interface that lets IT administrators manage and monitor system
resource easily and efficiently. FS3600 supports easy storage capacity
expansion using Synology Expansion Unit
FX2421/RX1217sas2, without
removing existing data or installing additional management software.
Built for Your SAN Storage Needs
Synology FS3600 offers a fully certified virtualization solution with
support for
VMware® vSphere™, Microsoft® Hyper-V®, Citrix®
XenServer™, and OpenStack® Cinder. It supports both iSCSI and NFS
protocols, and integrates with
VMware VAAI and Microsoft ODX,
allowing IT administrators to effectively deploy and facilitate storage
operations in various virtualization environments. IT administrators
can efficiently manage virtualized workloads using Synology's intuitive
user interface, as well as add-on plugins for VMware and Windows
environments. Features including
instant snapshots, fast cloning, NFS
v4.1, and thin provisioning deliver more flexibility to accommodate
different administration needs.
At no additional license cost, you can further protect your virtualized
workload with a comprehensive suite of data protection applications,
including
Synology Snapshot Replication, Hyper Backup, Active
Backup for Business and Synology High Availability, to handle various
protection scenarios.
Integration With Existing SAN
Synology systems can integrate with your
virtualization platforms and easily replace aging
SAN storage arrays in any organization's existing
infrastructure.



Html Pages

1 2 3 4 5 6 7 8