công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC2443 bảng dữ liệu(PDF) 3 Page - Semtech Corporation

tên linh kiện SC2443
Giải thích chi tiết về linh kiện  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 bảng dữ liệu(HTML) 3 Page - Semtech Corporation

  SC2443 Datasheet HTML 1Page - Semtech Corporation SC2443 Datasheet HTML 2Page - Semtech Corporation SC2443 Datasheet HTML 3Page - Semtech Corporation SC2443 Datasheet HTML 4Page - Semtech Corporation SC2443 Datasheet HTML 5Page - Semtech Corporation SC2443 Datasheet HTML 6Page - Semtech Corporation SC2443 Datasheet HTML 7Page - Semtech Corporation SC2443 Datasheet HTML 8Page - Semtech Corporation SC2443 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC2443
3
Recommended Operating Conditions
Absolute Maximum Ratings
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES-
() Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
(2) This device is ESD sensitive. Use of standard ESD handing precautions is required
Electrical Characteristics
Thermal Information
AVCC, PVCC Voltage …………………………… -0.3 to 20V
V
BST, VBST2 Voltage ………………………………
-0.3 to 32V
SS/EN, SS2/EN2, SYNC Voltage ………………
-0.3 to 6V
IN-, IN2-, REF Voltage ………………… -0.3 to AVCC+ 0.3V
REF
IN , COMP, COMP2 Voltage ………… -0.3 to AVCC+ 0.3V
CS+, CS-, CS2+, CS2- Voltage ………… -0.3 to AVCC+ 0.3V
PGND to AGND ………………………………………
± 0.3V
Peak IR Reflow Temperature …………………………… 260°C
Input Voltage Range …………………………
4.75V to 6V
Junction to Ambient() ……………………………
29°C/W
Maximum Junction Temperature ……………………… 50°C
Storage Temperature ………………………… -65 to +50°C
Unless otherwise specified: AVCC = PVCC = 2V, V
BST = VBST2 = 2V, SYNC = 0V, -40°C < TA = TJ < 85°C, ROSC =5.kW.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Undervoltage Lockout
AVCC Start Threshold
AVCC
TH
AVCC rising
4.5
4.7
V
AVCC Start Hysteresis
AVCC
HYST
70
mV
AVCC Operating Current
I
CC
2
6
mA
AVCC Quiescent Current in UVLO
I
q
AVCC = AVCC
TH - 0.2V
.7
mA
Channel 1 Error Amplifier
Non-inverting Input Voltage
V
IN+
0.49
0.5
0.5
V
Non-inverting Input Line Regulation
AVCC
TH < AVCC < 5V
0.02
%/V
Input Offset Voltage

mV
Inverting Input Bias Current
I
IN-
-0.
-0.25
µA
Amplifier Transconductance
G
M
260
µW-1
Amplifier Open Loop Gain
A
OL
65
dB
Amplifier Unity Gain Bandwidth
5
MHz
COMP Switching Threshold
V
CS+=VCS- = 0, VSS Rising
2.2
V
Amplifier Output Sink Current
V
IN- = V, VCOMP = 2.5V
6
µA
Amplifier Output Source Current
V
IN- = 0V, VCOMP = 2.5V
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com