| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD-100A-R-T bảng dữ liệu(PDF) 11 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SSD-100A-R-T bảng dữ liệu(HTML) 11 Page - Bourns Electronic Solutions |
|
11 / 24 page ![]() SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns SSD Interface Manual (continued) RS485 Command List Note: In the command examples an SSD sensor address of 1 (default) is used. If the address is changed, substitute the new value in the command. READ Commands GA GET CURRENT GT GET TEMPERATURE GV GET BUS VOLTAGE GC GET COULOMBS GP GET POWER GE GET ENERGY G! GET ERRORS GX GET ALL ENABLED READINGS VE GET FIRMWARE VERSION GS GET SERIAL NUMBER GM GET MODE GR GET A2D CONFIG GB GET BAUD RATE GD GET READING DELAY GF GET CURRENT UNDER LIMIT GG GET CURRENT OVER LIMIT GI GET TEMPERATURE OVER LIMIT GL GET VBUS UNDER LIMIT GQ GET VBUS OVER LIMIT GU GET POWER OVER LIMIT GN GET SHUNT NANO-OHMS GH GET CURRENT OFFSET GK GET VBUS FACTOR GJ GET VBUS OFFSET GO GET TEMPERATURE OFFSET GW GET TC0 GY GET TC1 GZ GET TC2 RC GET RESET CAUSES WRITE Commands RS RESET COMMAND SA SET ADDRESS SM SET MODE SR SET A2D CONFIG SB SET BAUD RATE SD SET READING DELAY SF SET CURRENT UNDER LIMIT SG SET CURRENT OVER LIMIT SI SET TEMPERATURE OVER LIMIT SL SET VBUS UNDER LIMIT SQ SET VBUS OVER LIMIT SU SET POWER OVER LIMIT SN SET SHUNT NANO-OHMS SH SET CURRENT OFFSET SK SET VBUS FACTOR SJ SET VBUS OFFSET SO SET TEMPERATURE OFFSET Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. NOTE: No settings are saved until a save settings to EEPROM command is issued! Power cycling will restore previous settings. See RESET command :1RS0F<cr> |