công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CELLX bảng dữ liệu(PDF) 1 Page - Coherent Corp

tên linh kiện CELLX
Giải thích chi tiết về linh kiện  The Universal Light Engine for Free-Space Applications, Flow Cytometry, and Microscopy
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COHERENT [Coherent Corp]
Trang chủ  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CELLX bảng dữ liệu(HTML) 1 Page - Coherent Corp

  CELLX Datasheet HTML 1Page - Coherent Corp CELLX Datasheet HTML 2Page - Coherent Corp CELLX Datasheet HTML 3Page - Coherent Corp CELLX Datasheet HTML 4Page - Coherent Corp CELLX Datasheet HTML 5Page - Coherent Corp CELLX Datasheet HTML 6Page - Coherent Corp CELLX Datasheet HTML 7Page - Coherent Corp CELLX Datasheet HTML 8Page - Coherent Corp CELLX Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CellX
Laser Light Engines
FEATURES
APPLICATIONS
• Up to 4 wavelengths
• OBIS Laser performance for high-quality
high-performance beams
• Common power, control, and interface
• User-adjustable beam steering and telescopes
• Flow Cytometry
• Microscopy
• Particle Measuring
• Medical Imaging
• Optogenetics
CellX is a multi-wavelength platform for use as the laser excitation Light Engine in applications requiring up to 4 lasers from a
single module. CellX can serve three applications with its different models and accessories: 1) Stand-alone free-space laser
engine, 2) Flow Cytometry with the beam diameters and adjustments for the best focus spot size and stripe locations, and 3)
Microscopy with a common 0.7mm output beam and fiber aligner with FC/APC or collimated output.
CellX delivers up to four circular laser beams from a single, compact module. This includes user-adjustable steering and tele-
scopes used to optimize the beams to your target requirements. For example, CellX can be aligned to give flexible patterns
of focused stripes in a flow cytometer when used with the line-generating objective optics. CellX also has a version with all
0.7 mm beam diameters to serve as a stand-alone laser engine or work with a fiber aligner to optimize power transmission.
Using the same optical cores that are at the heart of the Coherent OBIS suite of lasers, CellX delivers best-in-class optical
performance and reliability.
With its low cost, alignment flexibility and ease-of-integration, CellX is the universal laser Light Engine for your application.
The Universal Light Engine for Free-Space Applications,
Flow Cytometry, and Microscopy


Số phần tương tự - CELLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Coherent Corp
CELLX-PT COHERENT-CELLX-PT Datasheet
734Kb / 5P
Multi-Wavelength Laser Engine
More results

Mô tả tương tự - CELLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
DLEL-101 PHILIPS-DLEL-101 Datasheet
872Kb / 6P
digital light engine
Rev 02
logo
Finisar Corporation.
FIF-S-55-080-R FINISAR-FIF-S-55-080-R Datasheet
116Kb / 2P
Free Space Isolator
logo
Lineage Power Corporati...
CAR2548TN LINEAGEPOWER-CAR2548TN Datasheet
927Kb / 2P
Universal Rack for the CAR2548FP and CAR2548TN
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
logo
Micross Components
HMC425 MICROSS-HMC425 Datasheet
890Kb / 9P
Space Applications
logo
Analog Devices
HMC939A AD-HMC939A Datasheet
502Kb / 6P
Space Applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
Ideal for space limited applications
logo
Lumins Inc.
EC850 LUMINIS-EC850 Datasheet
523Kb / 3P
LED light engine
logo
PHOENIX CONTACT
CRIMPFOX-M PHOENIX-CRIMPFOX-M Datasheet
98Kb / 6P
The variety of inserts makes it a space-saving universal tool for all applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com