công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC7615EB bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện DAC7615EB
Giải thích chi tiết về linh kiện  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7615EB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  DAC7615EB Datasheet HTML 1Page - Texas Instruments DAC7615EB Datasheet HTML 2Page - Texas Instruments DAC7615EB Datasheet HTML 3Page - Texas Instruments DAC7615EB Datasheet HTML 4Page - Texas Instruments DAC7615EB Datasheet HTML 5Page - Texas Instruments DAC7615EB Datasheet HTML 6Page - Texas Instruments DAC7615EB Datasheet HTML 7Page - Texas Instruments DAC7615EB Datasheet HTML 8Page - Texas Instruments DAC7615EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
4
DAC7615
PIN CONFIGURATION—P, U Packages
Top View
PDIP, SOIC
PIN CONFIGURATION—E Package
Top View
SSOP
PIN DESCRIPTIONS—E Package
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5
NIC
Not Internally Connected.
6
NIC
Not Internally Connected.
7VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
8VOUTB
DAC B Voltage Output
9VOUTA
DAC A Voltage Output
10
VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
11
GND
Ground
12
SDI
Serial Data Input
13
CLK
Serial Data Clock
14
CS
Chip Select Input
15
NIC
Not Internally Connected.
16
NIC
Not Internally Connected.
17
LOADDACS
All DAC registers becomes transparent when
LOADDACS is LOW. They are in the latched state
when LOADDACS is HIGH.
18
LOADREG
The selected input register becomes transparent
when LOADREG is LOW. It is in the latched state
when LOADREG is HIGH.
19
RESET
Asynchronous Reset Input. Sets all DAC registers
to either
zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
20
RESETSEL
When LOW, a LOW on RESET will cause all DAC
registers to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
PIN DESCRIPTIONS—P, U Packages
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
6VOUTB
DAC B Voltage Output
7VOUTA
DAC A Voltage Output
8VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
9
GND
Ground
10
SDI
Serial Data Input
11
CLK
Serial Data Clock
12
CS
Chip Select Input
13
LOADDACS
All DAC registers become transparent when
LOADDACS is LOW. They are in the latched state
when LOADDACS is HIGH.
14
LOADREG
The selected input register becomes transparent
when LOADREG is LOW. It is in the latched state
when LOADREG is HIGH.
15
RESET
Asynchronous Reset Input. Sets DAC and input
registers to either zero-scale (000H) or mid-scale
(800H) when LOW. RESETSEL determines which
code is active.
16
RESETSEL
When LOW, a LOW on RESET will cause the DAC
and input registers to be set to code 000H. When
RESETSEL is HIGH, a LOW on RESET will set the
registers to code 800H.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
CS
CLK
SDI
GND
DAC7615P, U
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
DD
V
OUTD
V
OUTC
V
REFL
NIC
NIC
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
NIC
NIC
CS
CLK
SDI
GND
DAC7615E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com