| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC1221 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC1221 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 17 page ![]() 13 ® DAC1221 OUT MSB OUT0 t 12 t 10 t 9 SDIO is an input SDIO is an output IN7 t 13 t 11 IN0 CS SCLK SDIO Start Writing Start Reading External device generates 8 serial clock cycles and transmits instruction register data via SDIO CS taken HIGH for t 15 periods minimum (or CS tied LOW) External device generates n serial clock cycles and transmits specified register data via SDIO CS state More instructions? End HIGH Yes No LOW No Is next instruction a read? Yes CS state From Read flowchart HIGH LOW To Read flowchart External device generates 8 serial clock cycles and transmits instruction register data via SDIO SDIO input to output transition CS state More instructions? End HIGH Yes No LOW No Is next instruction a Write? Yes CS state To Write flowchart HIGH LOW To Write flowchart External device generates n serial clock cycles and receives specified register data via SDIO SDIO transitions to tri-state condition CS taken HIGH for t 15 periods minimum (or CS tied LOW) FIGURE 9. SDIO Input to Output Transition Timing. FIGURE 10. Flowchart for Writing and Reading Register Data. |