công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTA18ASF4G72HZ bảng dữ liệu(PDF) 8 Page - Micron Technology

tên linh kiện MTA18ASF4G72HZ
Giải thích chi tiết về linh kiện  32GB (x72, ECC DR) 260-Pin DDR4 SODIMM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRON [Micron Technology]
Trang chủ  http://www.micron.com
Logo MICRON - Micron Technology

MTA18ASF4G72HZ bảng dữ liệu(HTML) 8 Page - Micron Technology

Back Button MTA18ASF4G72HZ Datasheet HTML 3Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 4Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 5Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 6Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 7Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 8Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 9Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 10Page - Micron Technology MTA18ASF4G72HZ Datasheet HTML 11Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CCM005-341111752-10546
Micron Technology, Inc. reserves the right to change products or specifications without notice.
asf18c4gx72hz.pdf - Rev. E 08/2021
© 2019 Micron Technology, Inc. All rights reserved.
8
32GB (x72, ECC DR) 260-Pin DDR4 SODIMM
IDD Specifications
Table 6: DDR4 IDD Specifications and Conditions – 32GB (Die Revision F)
Values are for the MT40A2G8 DDR4 SDRAM only and are computed from values specified in the 16Gb (2 Gig x 8) component
data sheet.
Parameter
Symbol
3200
Units
One bank ACTIVATE-PRECHARGE current
IDD0
882
mA
One bank ACTIVATE-PRECHARGE, wordline boost, IPP current
IPP0
45
mA
One bank ACTIVATE-READ-PRECHARGE current
IDD1
981
mA
Precharge standby current
IDD2N
810
mA
Precharge standby ODT current
IDD2NT
801
mA
Precharge power-down current
IDD2P
684
mA
Precharge quite standby current
IDD2Q
756
mA
Active standby current
IDD3N
1098
mA
Active standby IPP current
IPP3N
36
mA
Active power-down current
IDD3P
900
mA
Burst read current
IDD4R
1602
mA
Burst write current
IDD4W
1350
mA
Different logic rank burst refresh current (1x REF)
IDD5R
954
mA
Different logic rank burst refresh IPP current (1x REF)
IPP5R
54
mA
Self refresh current: Normal temperature range (0
°Cto85°C)
IDD6N (0–85
°C) 954 mA
Self refresh current: Extended temperature range (0
°Cto95°C)
IDD6E (0–95
°C) 1620 mA
Self refresh current: Reduced temperature range (0
°Cto45°C)
IDD6R (0–45
°C) 360 mA
Auto self refresh current (25
°C)
IDD6A (25
°C)
198
mA
Auto self refresh current (45
°C)
IDD6A (45
°C)
360
mA
Auto self refresh current (75
°C)
IDD6A (75
°C)
918
mA
Auto self refresh current (95
°C)
IDD6A (95
°C) 1620 mA
Auto self refresh IPP current (0
°Cto95°C)
IPP6X
108
mA
Bank interleave read current
IDD7
1845
mA
Bank interleave read IPP current
IPP7
144
mA
Maximum power-down current
IDD8
648
mA
asf18c4gx72hz.ditamap Page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com