công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GTM400CCC bảng dữ liệu(PDF) 2 Page - Sensata Technologies, Inc.

tên linh kiện GTM400CCC
Giải thích chi tiết về linh kiện  400 Amp 1500 Vdc Hermetic Sealed DC Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GTM400CCC bảng dữ liệu(HTML) 2 Page - Sensata Technologies, Inc.

  GTM400CCC Datasheet HTML 1Page - Sensata Technologies, Inc. GTM400CCC Datasheet HTML 2Page - Sensata Technologies, Inc. GTM400CCC Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GTM400 Series TechnicalSpecifications
Units
Data
Rated Voltage
V
1500
Contact
Arrangement
Main
Form X
SPST-NO
Auxilary (2A , 24 VDC)9
Form A or B
SPST
Mechanical Life
Cycles
300,000
Contact
Resistance1
Max
mohms
0.4
Typical
mohms
0.15 to 0.2
Operate Time2
Max
ms
40
Typical
ms
20
Release Time, Max
ms
12
Insulation Resistance3
Mohms
100
Dielectric At Sea Level (Leakage < 10mA)
VRMS
5,375
Shock, 1/2 Sine, 11ms
G
35
Vibration, Sinusoidal (500-2000 Hz Peak)
G
10
Ambient Temp
Range
Operating4
˚C
-40 to +85
Storage
˚C
-70 to +150
Weight, Typical
Kg (Lb)
<0.91 (2.0)
Environmental Seal
Exceeds IP67 & IP69K
Salt Fog
MIL-STD-810
Electrical Specifications
Electical Life (Resistive) with
1500V, 100A, 6K Cycles
Current Withstand
400A, Continuous
COIL RATINGS AT 25˚C
Coil P/N Designation
B
C
F
Coil Voltage, Max
16 V
32 V
60 V
Pick-Up Voltage, Max5, 7
9 V
18V
40 V
Drop-Out Voltage
6.5 V max.
15 V max
15 V max
Pick-Up Current, Max (75 ms)6, 7
4.3 A
1.6 A
0.98 A
Coil Current6
0.24 A
0.09 A
0.044 A
Coil Power6
2.9 W
2.1 W
2.1 W
Internal Coil Suppression
Coil Back EMF
55 V
55 V
125 V
Transients, Max (13 ms)
±50 V
±50 V
±75 V
10
100
1,000
10,000
100,000
300
400
500
600
700
800
900
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
Current (Amp)
Current Carry vs Time (GTM400)
with 85°C terminal temperature rise
400MCM
VIBRATION, SINUSOIDAL (50-2000 HZ PEAK) = 10 G
69.47±0.76
2.735±.030
82.40±0.25
3.244±.010
73.92±0.76
2.910±.030
95.45±0.76
3.758±.030
2X
6.81±0.13
.268±.005
M6 OR 1/4-20
MOUNTING
10.16±0.25
.400±.010
60±0.76
2.362±.030
79.55±0.76
3.132±.030
83.36±0.76
3.282±.030
76.51±0.76
3.012±.030
[381]
15.000
LEAD LENGTH
M8 MALE
STUDS OR M6
FEMALE STUDS
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF GIGAVAC LLC. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT THE WRITTEN PERMISSION OF GIGAVAC LLC IS PROHIBITED.
9/28/22
400A Bidirectional
Contactor, GTMS
6382 ROSE LANE, CARPINTERIA, CA
www.gigavac.com
QUAL ENG
MFG ENG
RESP ENG
CHECKED
DRAWN
APPROVALS
DATE
2
OF
1
SHEET
A
CAD FILE:
SIZE
REV
DWG. NO.
GTM400
7
J.BRIGHT
GTM400_500_08292023.SLDDRW
Page 3
Copyright © 2023 Sensata Technologies, Inc.
sensata.com
DIMENSIONS
Power Contacts
Mounting
M5 Bolts
Case Material
DuPont Zytel FR50
(25% Glass Filled Nylon)
Power Connection
Stainless M8x1.25 Stud
Stainless M8x1.25 Flanged Nut
Torque 10Nm [90in-lb] max
Coil Wire
Silicone, 20 AWG, UL: VW-1
DIMENSIONS
CURRENT CARRY
with 85ºC terminal temperature rise
400A 400MCM or greater
GTM400
GTM400
400 Amp 1500 Vdc
Hermetic Sealed DC Contactor
Auxiliary Contacts
(optional)
GIG AVAC® - 6382 Rose Lane - Carpinteria, CA 93013 -
info @gigavac.com - w w w.gigavac.com - © Copy right 2022 Sensat a Technologies, Inc.
Mounting
M6 or ¼-20
Case Material
Crastin FR684NH1 NC010 (25% glass
filled, flame retarded, non halogenated,
PBT)
Power Connection
Stainless M8x1.25 Stud
Stainless M8x1.25 Flanged Nut
Torque 10Nm [90in-lb] max
Coil Wire
Silicone, 20 AWG, UL: VW-1
Power Contacts
[mm] in



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com