công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ARSP1100 bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện ARSP1100
Giải thích chi tiết về linh kiện  CON, RP-SMA PLUG CRIMP LMR-100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  L-COM [Infinite Electronics International, Inc.]
Trang chủ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARSP1100 bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  ARSP1100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.128
3.25
.039
1.00
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
.08
2.0
.14
3.5
.40
10.2
RECOMMENDED
CABLE STRIPPING
.66
16.7
.31
8.0
HEX
RECOMMENDED
FERRULE CRIMP SIZE
RECOMMENDED
PIN CRIMP SIZE
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
DIELECTRIC WITHSTAND VOLTAGE: 1000 VOLTS RMS
VOLTAGE RATING: 500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 6 GHz
CABLE RETENTION: > 45 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
APPLICATION: WBC/LMR-100, RG316/174/188 CABLE
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENTLY RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
D2
D
UPDATED PER ECO-12549
02/01/2024
HBAKKE
AGANWANI
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
CONTACT
BRASS
GOLD
INSULATOR
PTFE
---
FERRULE
BRASS
NICKEL
GASKET
RUBBER
---
RETAINING RING
BRASS
NICKEL
SHELL
BRASS
NICKEL
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ARSP-1100
D
CON, RP-SMA PLUG CRIMP LMR-100
DFRISIELLO
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Số phần tương tự - ARSP1100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
ARSP1202 L-COM-ARSP1202 Datasheet
123Kb / 1P
CON,RP-SMA PLUG CRIMP LMR200
6/24/03
ARSP1404 L-COM-ARSP1404 Datasheet
55Kb / 1P
RP-SMA STRAIGHT PLUG CRIMP FOR RG8/LMR400
11/11/09
ARSP1700 L-COM-ARSP1700 Datasheet
48Kb / 1P
RP- SMA FEMALE CRIMP FOR RG58 / LMR195
9/29/09
ARSP1702 L-COM-ARSP1702 Datasheet
103Kb / 1P
CON,RP-SMA PLUG R/A LMR195
9/19/05
ARSP1726 L-COM-ARSP1726 Datasheet
75Kb / 1P
RP-SMA PLUG SOLDERLESS R/A LMR195
11/5/12
More results

Mô tả tương tự - ARSP1100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
logo
List of Unclassifed Man...
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
logo
Pasternack Enterprises,...
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44665 PASTERNACK-PE44665 Datasheet
206Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
logo
List of Unclassifed Man...
135101-07-06.00 ETC2-135101-07-06.00 Datasheet
149Kb / 1P
SMA CRIMP PLUG
logo
Pasternack Enterprises,...
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
logo
Amphenol RF.
132114 RF-132114 Datasheet
227Kb / 1P
SMA STR CRIMP PLUG FOR RG 174,188A, 316 & LMR 100 CABLE
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com