công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24236/2 bảng dữ liệu(PDF) 5 Page - Sensata Technologies, Inc.

tên linh kiện M24236/2
Giải thích chi tiết về linh kiện  Extreme Temperature Protection Probe–Type Thermal Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSATA [Sensata Technologies, Inc.]
Trang chủ  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M24236/2 bảng dữ liệu(HTML) 5 Page - Sensata Technologies, Inc.

  M24236/2 Datasheet HTML 1Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 2Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 3Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 4Page - Sensata Technologies, Inc. M24236/2 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
Rev:10/05/18
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible
for using its independent analysis, evaluation and judgment in designing Buyer’s systems and products. Sensata data sheets have
been created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND
NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS
ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE
OF THE DATA SHEETS, EXPRESS, IMPLIED OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS PRODUCTS,
AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION
OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.
Americas
+1 (508)-236-3287
klixon@sensata.com
AUTHORIZED DISTRIBUTORS
Flame Enterprises
Bob Correa, Director of Product
Management
+1 (240) 236-9802
bcorrea@flamecorp.com
info@flamecorp.com | Web
Tel: 1-800-854-2255 or 1-818-
700-2905
Fax: 1-818-407-5080
Peerless Electronics
Steve Gunther, National Sales
Manager
+1 (516) 594-3509
sgunther@peerlesselectronics.
com
nysales@peerlesselectronics.
com | Web
Tel: 1-800-285-2121
Fax: 1-800-222-8096
Europe, Middle East & Africa
Flame Enterprises
Bob Correa, Director of Product
Management
+1 (240) 236-9802
bcorrea@flamecorp.com
info@flamecorp.com | Web
Tel: 1-800-854-2255 or 1-818-
700-2905
Fax: 1-818-407-5080
CONTACT US
AGENCY APPROVALS & CERTIFICATIONS
Max. Voltage
Max. Current
(Non-inductive)
Max. Temp.
Cycles
Notes
UL
120 VAC
2.5 A
450°F
100,000
Break but not make, ungrounded cup
UL
110-300 VAC
720 VA
392°F
10,000
Make and break, ungrounded cup
UL
300 VAC
360 VA
392°F
10,000
Make and break, grounded or ungrounded cup
UL
24-240 VAC
120 VA
393°F
10,000
Make and break, grounded or ungrounded cup
UL-C
120 VAC
2.5 A
450°F
100,000
UL/Canadian-UL Ratings
For 28303 series only: UL and Canadian-UL (File #E34618)
WARNINGS
RISK OF MATERIAL DAMAGE AND HOT ENCLOSURE
• The product’s side panels may be hot, allow the product to cool before touching
• Follow proper mounting instructions including torque values
• Do not allow liquids or foreign objects to enter this product
Failure to follow these instructions can result in serious injury, or equipment damage.
HAZARD OF ELECTRIC SHOCK, EXPLOSION OR ARC FLASH
• Disconnect all power before installing or working with this equipment
• Verify all connections and replace all covers before turning on power
Failure to follow these instructions will result in death or serious injury.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com