| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M O O2 bảng dữ liệu(PDF) 17 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
M O O2 bảng dữ liệu(HTML) 17 Page - Carlo Gavazzi Holding AG |
|
17 / 18 page ![]() Specifications are subject to change without notice WM30 96 DS 240914 17 WM30 96 1. Key-pad To program the configuration parameters and scroll the variables on the display. 2. Display LCD-type with alphanumeric indications to: - display configuration parameters; - display all the measured variables. 3. kWh LED Red LED blinking proportional to the energy being measured 4. Alarm LED’s Red LED’s light-on when virtual alarms are activated. 5. Main bar-graph To display the power consumption versus the installed power. Front panel description 4 5 2 1 3 RS485 wiring diagram of Bacnet module RS485 port NOTE. RS485: additional devices provided with RS485 are connected in parallel. The termination of the serial output is carried out only on the last instrument of the network, by means of a jumper between (B+) and (T). 1 2 3 4 M C BAC MS, module 1 2 3 4 |