| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G474CE bảng dữ liệu(PDF) 181 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE bảng dữ liệu(HTML) 181 Page - STMicroelectronics |
|
181 / 232 page ![]() DS12288 Rev 1 181/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 USB characteristics The device USB interface is fully compliant with the USB specification version 2.0 and is USB-IF certified (for Full-speed device operation). USART interface characteristics Unless otherwise specified, the parameters given in Table 93 for USART are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 93, with the following configuration: • Output speed is set to OSPEEDRy[1:0] = 10 • Capacitive load C=30 pF • Measurement points are done at CMOS levels: 0.5 VDD Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate function characteristics (NSS, CK, TX, RX for USART). Table 92. USB electrical characteristics(1) Symbol Parameter Conditions Min Typ Max Unit VDD USB transceiver operating voltage 3.0(2) -3.6 V tCrystal_less USB crystal less operation temperature -15 - 85 °C RPUI Embedded USB_DP pull-up value during idle 900 1250 1500 Ω RPUR Embedded USB_PD pull-up value during reception 1400 2300 3200 ZsDRV(3) Output driver impedance(4) Driving high and low 28 36 44 Ω 1. TA = -40 to 125 °C unless otherwise specified. 2. The device USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics, which are degraded in the 2.7-to-3.0 V voltage range. 3. Guarantee by design. 4. No external termination series resistors are required on USB_PD (D+) and USB_DM (D-); the matching impedance is already included in the embedded driver. Table 93. USART electrical characteristics(1) Symbol Parameter Conditions Min Typ Max Unit fCK USART clock frequency Master mode - - 21 MHz Slave mode - - 22 tsu(NSS) NSS setup time Slave mode tker + 2 - - ns th(NSS) NSS hold time Slave mode 2 - - tw(CKH) tw(CKL) CK high and low time Master mode 1/fck/2-1 1/fck/2 1/fck/2+1 ns tsu(RX) Data input setup time Master mode tker + 2 - - ns Slave mode 2 - - th(RX) Data input hold time Master mode 1 - - Slave mode 0.5 - - |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |